| Moteur de recherche de fiches techniques de composants électroniques |
|
125DCB10B Fiches technique(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
125DCB10B Fiches technique(HTML) 2 Page - Tyco Electronics |
|
2 / 4 page ![]() Cutout Dimensions Recommended Panel Cutouts A B C Holes: .157 [3.99] Dia. (4) See case dimensions for spacing. Tolerance: ±.005/ ±.13 DCB6(F) & DCB10(F) (Viewed from filter side) F B A E C D Holes: .157 [3.99] Dia. (4) See case dimensions for spacing. Tolerance: ±.005/ ±.13 DCB6B(F) & DCB10B(F) – 15 to 60 Ampss (Viewed from filter side) B A C 1.250 31.75 .625 15.88 .262 6.65 1.557 39.55 1.500 x 0.781 38.10 x 19.84 Holes: .157 [3.99] Dia. (4) See case dimensions for spacing. Tolerance: ±.005/ ±.13 DCB6B(F) & DCB10B(F) – 100 to 125 Amps (Viewed from filter side) Part Numbers 15DCB10F 30DCB10F 60DCB10F 100DCB10F 125DCB10F 15DCB6BF 30DCB6BF 60DCB6BF 100DCB6BF 125DCB6BF 15DCB10BF 30DCB10BF 60DCB10BF 100DCB10BF 125DCB10BF 15DCB6F 30DCB6F 60DCB6F 100DCB6F 125DCB6F 15DCF6 30DCF6 60DCF6 100DCF6 125DCF6 15DCF6B 30DCF6B 60DCF6B 100DCF6B 125DCF6B 15DCB6 30DCB6 60DCB6 100DCB6 125DCB6 15DCB6B 30DCB6B 60DCB6B 100DCB6B 125DCB6B 15DCF10 30DCF10 60DCF10 100DCF10 125DCF10 15DCF10B 30DCF10B 60DCF10B 100DCF10B 125DCF10B 15DCB10 30DCB10 60DCB10 100DCB10 125DCB10 15DCB10B 30DCB10B 60DCB10B 100DCB10B 125DCB10B Standard Performance High Performance RFI Power Line Filters for DC Applications (Continued) 151 Catalog 1654001 Dimensions are in inches and Dimensions are shown for USA Cust. Svc.: 1-800-468-2023 www.corcom.com Revised 05-07 millimeters unless otherwise reference purposes only. CORCOM Prods: 1-847-680-7400 www.tycoelectronics.com specified. Values in italics Specifications subject Germany: 49-89-6089-0 are metric equivalents. to change. DC Series CORCOM Product Guide DCB6(F) & DCB10(F) Part No. A B C 15DCB6(F) 1.375 1.249 3.472 30DCB6(F) 34.93 31.72 88.19 15DCB10(F) 1.250 1.000 3.472 30DCB10(F) 31.75 25.40 88.19 60DCB6(F) 1.375 1.249 3.472 34.93 31.72 88.19 60DCB10(F) 1.674 1.010 3.443 42.52 25.65 87.45 100DCB6(F) 1.700 1.549 3.472 125DCB6(F) 43.18 39.34 88.19 100DCB10(F) 1.954 1.500 2.830 49.63 38.10 71.20 125DCB10(F) 2.250 1.590 2.725 57.15 40.39 69.22 DCB6B(F) & DCB10B(F) – 100 to 125 Amps Part No. A B C 100DCB6B(F) 100DCF6B 1.700 1.549 4.222 125DCB6B(F) 43.18 39.34 107.23 125DCF6B 100DCB10B(F) 1.954 1.50 4.295 100DCF10B 49.63 38.10 109.09 125DCB10B(F) 2.250 1.590 4.147 57.15 40.39 105.33 125DCF10B 2.250 1.590 2.725 57.15 40.39 105.33 ** All cutout dimensions ± .005 [±.13] DCB6B(F) & DCB10B(F) – 15 to 60 Amps Part No. A B C D E F 15DCB6B(F) 1.50 0.781 1.308 3.472 1.375 1.249 15DCF6B 38.10 19.84 33.22 88.19 34.93 31.72 15DCB10B(F) 1.50 0.781 1.308 3.472 1.250 1.000 15DCF10B 38.10 19.84 33.22 88.19 31.75 25.40 30DCB6B(F) 1.50 0.781 1.308 3.472 1.375 1.249 30DCF6B 38.10 19.84 33.22 88.19 34.93 31.72 30DCB10B(F) 1.50 0.781 1.308 3.472 1.250 1.0 30DCF10B 38.10 19.84 33.22 88.19 31.75 25.40 60DCB10B(F) 1.50 0.781 1.308 3.443 1.674 1.010 60DCF10B 38.10 19.84 33.22 87.45 42.52 25.65 60DCF6B(F) 1.50 0.781 1.308 3.472 1.375 1.249 60DCF6B 38.10 19.84 33.22 88.19 34.93 31.72 |