Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4EXP Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 4EXP
Description  PC Board Mountable RFI Power Line Filters for Emission Control Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

4EXP Fiches technique(HTML) 2 Page - Tyco Electronics

  4EXP Datasheet HTML 1Page - Tyco Electronics 4EXP Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
101
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
PC Board Mountable RFI Power Line Filters for Emission Control Applications (Continued)
Case Styles
Case Dimensions
A
BC
D
E
± .015
Part No.
(max)
(max)
(max)
(max)
± .38
3EXP
2.61
1.13
1.62
——
66.3
28.7
41.1
3EX1
3.01
1.84
1.16
2.375
2.79
76.7
46.8
29.46
60.33
70.87
4EXP
2.61
1.13
1.62
——
66.3
28.7
41.1
6EXP
2.61
1.13
1.75
——
66.3
28.7
44.5
2EYP
2.61
1.13
1.62
——
66.3
28.7
41.1
3EYP, 4EYP
2.61
1.13
1.75
——
66.3
28.7
44.5
1EZP
2.61
1.13
1.62
——
66.3
28.7
41.1
2EZP, 3EZP
2.61
1.13
1.75
——
66.3
28.7
44.5
3EZ1
3.54
2.08
1.31
2.938
3.35
89.9
52.8
33.3
74.63
85.1
X, Y, Z Series
EX1/EZ1
A
B
C
DE
EXP/EYP/EZP
Recommended Mounting Holes & Clearance Area
Line
side
Load
side
Grounds
A
B
C
0.123
3.12 Min.
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Slot: .07 x .16 [1.8 x 4.1]
Mounting holes: .188 [4.78] Dia. (2)
Tolerance ± .006 [.152]
Holes: .075 [1.91] Dia. (6)
2.660
67.56
1.050
26.67
1.850
46.99
.605
15.37
.350
8.89
.700
17.78
1.190
30.23
.245
6.22
.150
3.81
Part Numbers
3EXP
1EZP
3EX1
2EZP
4EXP
3EZP
6EXP
3EZ1
2EYP
3EYP
4EYP



Html Pages

1 2