Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3ESK7M Fiches technique(PDF) 4 Page - Tyco Electronics

No de pièce 3ESK7M
Description  3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

3ESK7M Fiches technique(HTML) 4 Page - Tyco Electronics

  3ESK7M Datasheet HTML 1Page - Tyco Electronics 3ESK7M Datasheet HTML 2Page - Tyco Electronics 3ESK7M Datasheet HTML 3Page - Tyco Electronics 3ESK7M Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AB
C
D
E
± .020
Part No.
(max) (max) (max)
(max)
± .51
30ESK6,
30ESK6C
4.92
3.12
2.75
3.437
4.00
30VSK6,
125.0
79.25
69.85
87.3
101.6
30VSK6C
40VSK6
6.00
3.12
2.18
3.50
3.96
152.4
79.25
55.4
88.9
100.6
91
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
SK Series
CORCOM Product Guide
Part Numbers
0
3VSK1
0
3ESK1
0
3VSK3
0
3ESK3
0
3VSK7
0
3ESK7
0
3VSK7M
0
3ESK7M
0
6VSK1
0
6ESK1
0
6VSK3
0
6ESK3
0
6VSK7
0
6ESK7
0
6VSK7M
0
6ESK7M
10VSK1
10ESK1
10VSK3
10ESK3
10VSK7
10ESK7
10VSK7M
10ESK7M
20ESK6
30VSK6
20VSK6
30VSK6C
30ESK6
40VSK6
30ESK6C
Line Cord No. (K7/K7M)
GA400
Recommended Panel Cutout
Case Dimensions
Part No.
AB
C
D
E
± .015
(max)
(max) (max)
(max)
± .38
3VSK1, 3ESK1
3.85
2.07
1.16
2.938
3.35
97.8
52.6
29.5
74.63
85.1
3VSK3, 3ESK3
2.56
2.07
1.16
2.938
3.35
65.0
52.6
29.5
74.63
85.1
3VSK7, 3VSK7M,
3.21
2.25
1.53
1.575
0.63
3ESK7, 3ESK7M
81.5
57.2
38.9
40.01
16.0
6VSK1, 6ESK1
4.34
2.25
1.28
3.427
3.83
110.2
57.2
32.5
87.05
97.3
6VSK3, 6ESK3
3.05
2.25
1.28
3.427
3.83
77.5
57.2
32.5
87.05
97.3
6VSK7, 6VSK7M,
3.21
2.25
1.78
1.575
0.63
6ESK7, 6ESK7M
81.5
57.2
45.2
40.01
16.0
10VSK1, 10ESK1
4.97
2.25
1.78
4.063
4.46
126.2
57.2
45.2
103.2
113.3
10VSK3, 10ESK3
3.69
2.25
1.78
4.063
4.46
93.7
57.2
45.2
103.2
113.3
10VSK7, 10VSK7M,
4.34
2.25
1.78
1.575
0.63
10ESK7, 10ESK7M
110.0
57.2
45.2
40.01
16.0
20ESK6,
5.09
2.25
1.78
4.063
4.46
20VSK6
127.3
57.2
45.2
103.2
129.3
† ±.02 [±.5]
†
†
†
Typical dimensions:
Terminals: .250 [6.35] (3)
Holes: .07 [1.8] Dia.(2)
Slot: .07 x .16 [1.8 x 4.1]
SK7 & SK7M (with metric insert)
A
Tapped insert:
D B
E
C
.235
6.0
1.575
40.0
.157
4.0
.910
23.1
Dia. (2)
1.295
32.9
R
No. 6-32 x 1/4 (2)-SK7
No. M-3 x .5 (2)-SK7M
A
Tapped insert:
D B
E
C
.235
6.0
1.575
40.0
.157
4.0
.910
23.1
Dia. (2)
1.295
32.9
R
No. 6-32 x 1/4 (2)-SK7
No. M-3 x .5 (2)-SK7M
Tolerance ±.005 [0.13]
Panel Cutout (back mount)
ESK6/VSK6
Case Dimensions
Part No.
AB
C
D
E
± .015
(max)
(max) (max)
(max)
± .38
3VSK1, 3ESK1
3.85
2.07
1.16
2.938
3.35
97.8
52.6
29.5
74.63
85.1
3VSK3, 3ESK3
2.56
2.07
1.16
2.938
3.35
65.0
52.6
29.5
74.63
85.1
3VSK7, 3VSK7M,
3.21
2.25
1.53
1.575
0.63
3ESK7, 3ESK7M
81.5
57.2
38.9
40.01
16.0
6VSK1, 6ESK1
4.34
2.25
1.28
3.427
3.83
110.2
57.2
32.5
87.05
97.3
6VSK3, 6ESK3
3.05
2.25
1.28
3.427
3.83
77.5
57.2
32.5
87.05
97.3
6VSK7, 6VSK7M,
3.21
2.25
1.78
1.575
0.63
6ESK7, 6ESK7M
81.5
57.2
45.2
40.01
16.0
10VSK1, 10ESK1
4.97
2.25
1.78
4.063
4.46
126.2
57.2
45.2
103.2
113.3
10VSK3, 10ESK3
3.69
2.25
1.78
4.063
4.46
93.7
57.2
45.2
103.2
113.3
10VSK7, 10VSK7M,
4.34
2.25
1.78
1.575
0.63
10ESK7, 10ESK7M
110.0
57.2
45.2
40.01
16.0
20ESK6,
5.09
2.25
1.78
4.063
4.46
20VSK6
127.3
57.2
45.2
103.2
129.3
3 to 40 Amp High Performance K Series RFI Power Line Filters
for SMPS Emission Control (Continued)



Html Pages

1 2 3 4