| Moteur de recherche de fiches techniques de composants électroniques |
|
3ESK7 Fiches technique(PDF) 4 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
3ESK7 Fiches technique(HTML) 4 Page - Tyco Electronics |
|
4 / 4 page ![]() AB C D E ± .020 Part No. (max) (max) (max) (max) ± .51 30ESK6, 30ESK6C 4.92 3.12 2.75 3.437 4.00 30VSK6, 125.0 79.25 69.85 87.3 101.6 30VSK6C 40VSK6 6.00 3.12 2.18 3.50 3.96 152.4 79.25 55.4 88.9 100.6 91 Catalog 1654001 Dimensions are in inches and Dimensions are shown for USA Cust. Svc.: 1-800-468-2023 www.corcom.com Revised 05-07 millimeters unless otherwise reference purposes only. CORCOM Prods: 1-847-680-7400 www.tycoelectronics.com specified. Values in italics Specifications subject Germany: 49-89-6089-0 are metric equivalents. to change. SK Series CORCOM Product Guide Part Numbers 0 3VSK1 0 3ESK1 0 3VSK3 0 3ESK3 0 3VSK7 0 3ESK7 0 3VSK7M 0 3ESK7M 0 6VSK1 0 6ESK1 0 6VSK3 0 6ESK3 0 6VSK7 0 6ESK7 0 6VSK7M 0 6ESK7M 10VSK1 10ESK1 10VSK3 10ESK3 10VSK7 10ESK7 10VSK7M 10ESK7M 20ESK6 30VSK6 20VSK6 30VSK6C 30ESK6 40VSK6 30ESK6C Line Cord No. (K7/K7M) GA400 Recommended Panel Cutout Case Dimensions Part No. AB C D E ± .015 (max) (max) (max) (max) ± .38 3VSK1, 3ESK1 3.85 2.07 1.16 2.938 3.35 97.8 52.6 29.5 74.63 85.1 3VSK3, 3ESK3 2.56 2.07 1.16 2.938 3.35 65.0 52.6 29.5 74.63 85.1 3VSK7, 3VSK7M, 3.21 2.25 1.53 1.575 0.63 3ESK7, 3ESK7M 81.5 57.2 38.9 40.01 16.0 6VSK1, 6ESK1 4.34 2.25 1.28 3.427 3.83 110.2 57.2 32.5 87.05 97.3 6VSK3, 6ESK3 3.05 2.25 1.28 3.427 3.83 77.5 57.2 32.5 87.05 97.3 6VSK7, 6VSK7M, 3.21 2.25 1.78 1.575 0.63 6ESK7, 6ESK7M 81.5 57.2 45.2 40.01 16.0 10VSK1, 10ESK1 4.97 2.25 1.78 4.063 4.46 126.2 57.2 45.2 103.2 113.3 10VSK3, 10ESK3 3.69 2.25 1.78 4.063 4.46 93.7 57.2 45.2 103.2 113.3 10VSK7, 10VSK7M, 4.34 2.25 1.78 1.575 0.63 10ESK7, 10ESK7M 110.0 57.2 45.2 40.01 16.0 20ESK6, 5.09 2.25 1.78 4.063 4.46 20VSK6 127.3 57.2 45.2 103.2 129.3 † ±.02 [±.5] † † † Typical dimensions: Terminals: .250 [6.35] (3) Holes: .07 [1.8] Dia.(2) Slot: .07 x .16 [1.8 x 4.1] SK7 & SK7M (with metric insert) A Tapped insert: D B E C .235 6.0 1.575 40.0 .157 4.0 .910 23.1 Dia. (2) 1.295 32.9 R No. 6-32 x 1/4 (2)-SK7 No. M-3 x .5 (2)-SK7M A Tapped insert: D B E C .235 6.0 1.575 40.0 .157 4.0 .910 23.1 Dia. (2) 1.295 32.9 R No. 6-32 x 1/4 (2)-SK7 No. M-3 x .5 (2)-SK7M Tolerance ±.005 [0.13] Panel Cutout (back mount) ESK6/VSK6 Case Dimensions Part No. AB C D E ± .015 (max) (max) (max) (max) ± .38 3VSK1, 3ESK1 3.85 2.07 1.16 2.938 3.35 97.8 52.6 29.5 74.63 85.1 3VSK3, 3ESK3 2.56 2.07 1.16 2.938 3.35 65.0 52.6 29.5 74.63 85.1 3VSK7, 3VSK7M, 3.21 2.25 1.53 1.575 0.63 3ESK7, 3ESK7M 81.5 57.2 38.9 40.01 16.0 6VSK1, 6ESK1 4.34 2.25 1.28 3.427 3.83 110.2 57.2 32.5 87.05 97.3 6VSK3, 6ESK3 3.05 2.25 1.28 3.427 3.83 77.5 57.2 32.5 87.05 97.3 6VSK7, 6VSK7M, 3.21 2.25 1.78 1.575 0.63 6ESK7, 6ESK7M 81.5 57.2 45.2 40.01 16.0 10VSK1, 10ESK1 4.97 2.25 1.78 4.063 4.46 126.2 57.2 45.2 103.2 113.3 10VSK3, 10ESK3 3.69 2.25 1.78 4.063 4.46 93.7 57.2 45.2 103.2 113.3 10VSK7, 10VSK7M, 4.34 2.25 1.78 1.575 0.63 10ESK7, 10ESK7M 110.0 57.2 45.2 40.01 16.0 20ESK6, 5.09 2.25 1.78 4.063 4.46 20VSK6 127.3 57.2 45.2 103.2 129.3 3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control (Continued) |