Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9534A Fiches technique(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
No de pièce PCA9534A
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PCA9534A Fiches technique(HTML) 29 Page - Texas Instruments

Back Button PCA9534A Datasheet HTML 25Page - Texas Instruments PCA9534A Datasheet HTML 26Page - Texas Instruments PCA9534A Datasheet HTML 27Page - Texas Instruments PCA9534A Datasheet HTML 28Page - Texas Instruments PCA9534A Datasheet HTML 29Page - Texas Instruments PCA9534A Datasheet HTML 30Page - Texas Instruments PCA9534A Datasheet HTML 31Page - Texas Instruments PCA9534A Datasheet HTML 32Page - Texas Instruments PCA9534A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
PCA9534ADBR
SSOP
DB
16
2000
346.0
346.0
33.0
PCA9534ADGVR
TVSOP
DGV
16
2000
346.0
346.0
29.0
PCA9534ADWR
SOIC
DW
16
2000
346.0
346.0
33.0
PCA9534APWR
TSSOP
PW
16
2000
346.0
346.0
29.0
PCA9534ARGTR
QFN
RGT
16
3000
346.0
346.0
29.0
PCA9534ARGVR
VQFN
RGV
16
2500
346.0
346.0
29.0
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jun-2010
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39