| Moteur de recherche de fiches techniques de composants électroniques |
|
TS3USB30 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TS3USB30 Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 19 page ![]() 1 FEATURES APPLICATIONS RSWPACKAGE (TOP VIEW) 1 2 5 8 4 9 3 10 6 7 D– GND D+ OE V CC S RSWPACKAGE (BOTTOMVIEW) D+ 1 2 3 10 4 9 5 8 6 7 GND D– S V CC OE DESCRIPTION/ORDERING INFORMATION TS3USB30 www.ti.com......................................................................................................................................................... SCDS237D – AUGUST 2007 – REVISED MAY 2008 HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE • V CC Operation at 3 V and 4.3 V • 1.8-V Compatible Control-Pin Inputs • I OFF Supports Partial Power-Down-Mode Operation • r on = 10 Ω Max • Δr on <0.35 Ω Typ • C io(ON) = 7 pF Typ • Low Power Consumption (1 µA Max) • ESD Performance Tested Per JESD 22 – 6000-V Human-Body Model (HBM) (A114-B, Class II) – 1000-V Charged-Device Model (C101) – 250-V Machine Model (A115-A) • –3-dB Bandwidth = 955 MHz Typ • Packaged in 10-pin TQFN (1.4 mm × 1.8 mm) • Routes Signals for USB 1.0, 1.1, and 2.0 • Mobile Industry Processor Interface (MIPI) Signal Routing The TS3USB30 is a high-bandwidth switch specially designed for the switching of high-speed USB 2.0 signals in handset and consumer applications, such as cell phones, digital cameras, and notebooks with hubs or controllers with limited USB I/Os. The wide bandwidth (750 MHz) of this switch allows signals to pass with minimum edge and phase distortion. The device multiplexes differential outputs from a USB host device to one of two corresponding outputs. The switch is bidirectional and offers little or no attenuation of the high-speed signals at the outputs. It is designed for low bit-to-bit skew and high channel-to-channel noise isolation, and is compatible with various standards, such as high-speed USB 2.0 (480 Mbps). ORDERING INFORMATION TA PACKAGE(1)(2) ORDERABLE PART NUMBER TOP-SIDE MARKING –40 °C to 85°C TQFN – RSW Tape and reel TS3USB30RSWR L6O (1) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2007–2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - TS3USB30_09 |
|
Description similaire - TS3USB30_09 |