Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NJU7181 Fiches technique(PDF) 7 Page - New Japan Radio

No de pièce NJU7181
Description  SIGNAL LEVEL SENSOR SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NJRC [New Japan Radio]
Site Internet  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7181 Fiches technique(HTML) 7 Page - New Japan Radio

Back Button NJU7181 Datasheet HTML 3Page - New Japan Radio NJU7181 Datasheet HTML 4Page - New Japan Radio NJU7181 Datasheet HTML 5Page - New Japan Radio NJU7181 Datasheet HTML 6Page - New Japan Radio NJU7181 Datasheet HTML 7Page - New Japan Radio NJU7181 Datasheet HTML 8Page - New Japan Radio NJU7181 Datasheet HTML 9Page - New Japan Radio NJU7181 Datasheet HTML 10Page - New Japan Radio NJU7181 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NJU7181
– 7 –
Version 5.1E
APPLICATION NOTE
•
DC Output Waveform Scenario
Scenario 1:
Power-ON
– Output will be high initially when NJU7181 is first powered up even if there is no input signal detected.
Power
DC Output
(NJU7181)
LOW
LOW
High
No Input Signal detected
Power On
Delay TIme : Tdelay
POWERONwith no signal detected
Trigger
No Signal detected (Low)
Audio Signal Input
Scenario 2: Only Audio Signal detected
– Output will be or maintain high when either an input signal or trigger signal is detected. The
delay circuit will only be activated when both signals is not present. NJU7181 will then hold the
output level for a delay time which can be adjusted by the Capacitor value @ pin 5.
Power
LOW
LOW
High
Power On
Delay TIme : Tdelay
Audio signal present
Trigger
No Signal detected (Low)
Signal Detected
Audio Signal Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13