Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LVC2G66 Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LVC2G66
Description  DUAL BILATERAL ANALOG SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G66 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button SN74LVC2G66 Datasheet HTML 9Page - Texas Instruments SN74LVC2G66 Datasheet HTML 10Page - Texas Instruments SN74LVC2G66 Datasheet HTML 11Page - Texas Instruments SN74LVC2G66 Datasheet HTML 12Page - Texas Instruments SN74LVC2G66 Datasheet HTML 13Page - Texas Instruments SN74LVC2G66 Datasheet HTML 14Page - Texas Instruments SN74LVC2G66 Datasheet HTML 15Page - Texas Instruments SN74LVC2G66 Datasheet HTML 16Page - Texas Instruments SN74LVC2G66 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC2G66DCUR
US8
DCU
8
3000
180.0
9.2
2.25
3.35
1.05
4.0
8.0
Q3
SN74LVC2G66YZPR
DSBGA
YZP
8
3000
180.0
8.4
1.02
2.02
0.63
4.0
8.0
Q1
SN74LVC2G66YZPR
DSBGA
YZP
8
3000
180.0
8.4
1.02
2.02
0.63
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
2-Oct-2009
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19