| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8308VMAFDA Fiches technique(PDF) 73 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8308VMAFDA Fiches technique(HTML) 73 Page - Freescale Semiconductor, Inc |
|
73 / 88 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 1 Freescale Semiconductor 73 Package and Pin Listings VSS A2, A21, B1, B19, B23, C4, C16, D6, D19, E3, F8, F15, F17, F23, G7, G8, G10, G15, G16, G17, G20, H2, H6, H7, H17, H23, J7, J9, J10, J11, J12, J13, J14, J15, K9, K10, K11, K12, K13, K14, K15, L1, L7, L9, L10, L11, L12, L13, L14, L15, L20, M4, M9, M10, M11, M12, M13, M14, M15, N9, N10, N11, N12, N13, N14, N15, P6, P7, P9, P10, P11, P12, P13, P14, P15, R2, R7, R9, R10, R11, R12, R13, R14, R15, R22, T6, T7, U8, U17, U21, V2, V7, V9, V11, W20, Y8, Y15, AA4, AB1, AB6, AB12, AB19, AC2, AC9, AC23 I — — NVDDA B7, B10, C7, D9, F9 I — — NVDDB A16, A19, C18 I — — NVDDC A23, B22, D23, E20, G18 I — — NVDDF G22, J22, K17 I — — NVDDG M17, N22 I — — NVDDH P17, R20, T17, T23, W22, Y22 I — — NVDDJ AB23, AA22 I — — NVDDP_K U10, U14, Y5, Y18, AA11, AB8, AB16, AB22, AC4, AC13 I — — GVDD A1, A6, B3, D1, F1, F6, G4, J1, J4, K7, N1, N7, T1, T4, U7, Y3, AC1 I — — XPADVDD D15, F10, F14 I — — XPADVSS A10, B15, D14, G13, G14, H12 I — — Table 53. MPC8308 Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |