Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8308CVMAFDA Fiches technique(PDF) 65 Page - Freescale Semiconductor, Inc

No de pièce MPC8308CVMAFDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308CVMAFDA Fiches technique(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8308CVMAFDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 1
Freescale Semiconductor
65
Package and Pin Listings
MEMC_MDQ[27]
M6
I/O
GVDDB
—
MEMC_MDQ[28]
M2
I/O
GVDDB
—
MEMC_MDQ[29]
M3
I/O
GVDDB
—
MEMC_MDQ[30]
L2
I/O
GVDDB
—
MEMC_MDQ[31]
L3
I/O
GVDDB
—
MEMC_MDM[0]
AB2
O
GVDDA
—
MEMC_MDM[1]
V3
O
GVDDA
—
MEMC_MDM[2]
P3
O
GVDDB
—
MEMC_MDM[3]
M7
O
GVDDB
—
MEMC_MDM[8]
K2
O
GVDDB
—
MEMC_MDQS[0]
AC3
I/O
GVDDA
—
MEMC_MDQS[1]
V1
I/O
GVDDA
—
MEMC_MDQS[2]
R1
I/O
GVDDB
—
MEMC_MDQS[3]
M1
I/O
GVDDB
—
MEMC_MDQS[8]
K1
I/O
GVDDB
—
MEMC_MBA[0]
C3
O
GVDDB
—
MEMC_MBA[1]
B2
O
GVDDB
—
MEMC_MBA[2]
H4
O
GVDDB
—
MEMC_MA0
C2
O
GVDDB
—
MEMC_MA1
D2
O
GVDDB
—
MEMC_MA2
D3
O
GVDDB
—
MEMC_MA3
D4
O
GVDDB
—
MEMC_MA4
E4
O
GVDDB
—
MEMC_MA5
F4
O
GVDDB
—
MEMC_MA6
E2
O
GVDDB
—
MEMC_MA7
E1
O
GVDDB
—
MEMC_MA8
F2
O
GVDDB
—
MEMC_MA9
F3
O
GVDDB
—
MEMC_MA10
C1
O
GVDDB
—
MEMC_MA11
F7
O
GVDDB
—
MEMC_MA12
G2
O
GVDDB
—
MEMC_MA13
G3
O
GVDDB
—
MEMC_MWE
D5
O
GVDDB
—
MEMC_MRAS
B4
O
GVDDB
—
Table 53. MPC8308 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88