| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8308VMADDA Fiches technique(PDF) 67 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8308VMADDA Fiches technique(HTML) 67 Page - Freescale Semiconductor, Inc |
|
67 / 88 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 1 Freescale Semiconductor 67 Package and Pin Listings LD11 AC21 I/O NVDDP_K 8 LD12 AB20 I/O NVDDP_K 8 LD13 V16 I/O NVDDP_K 8 LD14 AA19 I/O NVDDP_K 8 LD15 AC17 I/O NVDDP_K 8 LA0 AC20 O NVDDP_K — LA1 Y16 O NVDDP_K — LA2 U15 O NVDDP_K — LA3 V15 O NVDDP_K — LA4 AA18 O NVDDP_K — LA5 AA17 O NVDDP_K — LA6 AC19 O NVDDP_K — LA7 AA16 O NVDDP_K — LA8 AB18 O NVDDP_K — LA9 AC18 O NVDDP_K — LA10 V14 O NVDDP_K — LA11 AB17 O NVDDP_K — LA12 AA15 O NVDDP_K — LA13 AC16 O NVDDP_K — LA14 Y14 O NVDDP_K — LA15 AC15 O NVDDP_K — LA16 U13 O NVDDP_K — LA17 V13 O NVDDP_K — LA18 Y13 O NVDDP_K — LA19 AB15 O NVDDP_K — LA20 AA14 O NVDDP_K — LA21 AB14 O NVDDP_K — LA22 U12 O NVDDP_K — LA23 V12 O NVDDP_K — LA24 Y12 O NVDDP_K — LA25 AC14 O NVDDP_K — LCS[0] AA13 O NVDDP_K 4 LCS[1] AB13 O NVDDP_K 4 LCS[2] AA12 O NVDDP_K 4 Table 53. MPC8308 Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |