Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BH3544F Fiches technique(PDF) 7 Page - Rohm

No de pièce BH3544F
Description  Standard Headphone Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BH3544F Fiches technique(HTML) 7 Page - Rohm

  BH3544F Datasheet HTML 1Page - Rohm BH3544F Datasheet HTML 2Page - Rohm BH3544F Datasheet HTML 3Page - Rohm BH3544F Datasheet HTML 4Page - Rohm BH3544F Datasheet HTML 5Page - Rohm BH3544F Datasheet HTML 6Page - Rohm BH3544F Datasheet HTML 7Page - Rohm BH3544F Datasheet HTML 8Page - Rohm BH3544F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
7/8
BH3541F,BH3544F,BH3547F,BH3548F
4) GND potential
Make the GND pin voltage such that it is the lowest voltage even when operating below it. Actually confirm that the
voltage of each pin does not become a lower voltage than the GND pin, including transient phenomena.
5) Thermal design
Perform thermal design in which there are adequate margins by taking into account the allowable power dissipation in
actual states of use.
6) Shorts between pins and misinstallation
When mounting the LSI on a board, pay adequate attention to orientation and placement discrepancies of the LSI.
If it is misinstalled and the power is turned on, the LSI may be damaged. It also may be damaged if it is shorted by a
foreign substance coming between pins of the LSI or between a pin and a power supply or a pin and a GND.
7) Operation in strong magnetic fields
Adequately evaluate use in a strong magnetic field, since there is a possibility of malfunction.
8) Pop noise countermeasures
In order to prevent the pop noise that occurs when the power supply turns ON or OFF, make the rise and fall with
reference to the timing diagram shown below.
1)BH3541F/ BH3544F/ BH3548F
Fig. 16
(A):Mute period (Use as pop noise countermeasure when power supply turns ON/OFF by makingVMUTE=Lo.)
(B):Mute cancellation period (This has a time constant because it is used by the externally attached C2 and R2 as
a pop noise countermeasure on mute cancellation, so be careful of the timing.)
(C):Mute start time (As on cancellation, this has a time constant.)
2)BH3547F
Fig. 17
(A):Before VCC rise (or at the same time as VCC) make mute cancelled (VMUTE=Hi).
(B):Soft mute period (This time can be set by externally attached R2 and C2)
VCC
Vmute
OUT
SG
(Input Signal)
(Rise time)
(PLAY period)
(Fall period)
(MUTE period)
(A)
(B)
Rise time
PLAY period
Rise time
VCC
OUT
MUTE
A
B
C
A



Html Pages

1 2 3 4 5 6 7 8 9