Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EXP-A911/03/P Fiches technique(PDF) 4 Page - Elektron Components Ltd.

No de pièce EXP-A911/03/P
Description  EXP Series EXPlora - Hazardous Area
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BULGIN [Elektron Components Ltd.]
Site Internet  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

EXP-A911/03/P Fiches technique(HTML) 4 Page - Elektron Components Ltd.

  EXP-A911/03/P Datasheet HTML 1Page - Elektron Components Ltd. EXP-A911/03/P Datasheet HTML 2Page - Elektron Components Ltd. EXP-A911/03/P Datasheet HTML 3Page - Elektron Components Ltd. EXP-A911/03/P Datasheet HTML 4Page - Elektron Components Ltd. EXP-A911/03/P Datasheet HTML 5Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.bulgin.co.uk
4
EXPLORA
EXP Series EXPlora - Hazardous Area Connector
EXP-0990, EXP-0991, EXP-0992
Heavy duty sealing caps to
maintain IP68 rating of
unmated connectors, with
stainless steel straps
Sealing Caps
EXP-0990
Heavy duty sealing cap for use with
EXP-0911/xx/x and EXP-A911/xx/x
EXP-0991
Heavy duty sealing cap for use with
EXP-0921/xx/x and EXP-A921/xx/x
EXP-0992
Heavy duty sealing cap for use with
EXP-0931 and EXP-0941
Gland Packs
EXP-0980
Pack of 3 additional cable glands for
EXP-0911 and EXP-0921 to suit cable sizes;
11-13mm, 9-11 and 7-9mm dia.
EXP-A980
Pack of 3 additional cable glands for
EXP-A911 and EXP-A921 to suit cable sizes;
18-20mm, 16-18 and 14-16mm dia.
ACCESSORIES
E X P- 0 9 x x / x x / x / x
PART NO SYSTEM
Series Designation
09 = Standard Cable Accommodation (7-13mm)
A9 = Large Cable Accommodation (14-22mm)
Body Styles
1 = Flex, 2 = Flex In-line,
3 = Panel, 4 = Flange Panel
Contact Termination
1 = Screw Terminal
Number Contacts
02 = 2 pole, 03 = 3 pole, 04 = 4 pole,
05 = 5 pole, 07 = 7 pole, 10 = 10 pole
Contact Type
P = Plug, S = Socket
Cable Acceptance
EXP-0 version:
Blank = 13-15mm Yellow cable gland (standard)
3 = 11-13mm
Black cable gland
2 = 9-11mm
White cable gland
1 = 7-9mm
Dark Grey cable gland
EXP-A version:
Blank = 20-22mm Yellow cable gland (standard)
9 = 18-20mm
Black cable gland
8 = 16-18mm
White cable gland
7 = 14-16mm
Dark Grey cable gland
Example:
EXP-0911/07/P/3 = Flex cable connector with standard cable accommodation body, seven
pin contacts, with gland to suit 11-13mm cable.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com