| Moteur de recherche de fiches techniques de composants électroniques |
|
CPD Fiches technique(PDF) 3 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
CPD Fiches technique(HTML) 3 Page - Rohm |
|
3 / 8 page ![]() Packaging specifications Data Sheet 3/7 www.rohm.com ○ c 2009 ROHM Co., Ltd. All rights reserved. 2009.02 - Rev.D EMD2/UMD2/TUMD2/PMDU Reel Taping 11.4 ±1.0 9 ±0.3 EIAJ-ETX-7001 compatible Regarding the UMD2 package, only 1SS356 is available in TW11. Package EMD2 UMD2 Code TE-17 TW11 TE61 1.4 A 0.9 2.8 B 1.3 Dimensions C 1.0 0.8 3,000 3,000 TUMD2 TR 1.4 2.8 0.9 1.5 3,000 Quantity/Reel φ1.5+0.1 - 0 φ1+0.2 - 0 C+0.08 - 4.0+0.1 - 2.0+0.05 - 0.25+0.05 - A+0.05 - 4.0+0.1 - TR PMDU 1.8 3.7 3,000 EMD3/UMD3/SSD3/SMD3 Reel Taping 11.4 ±1.0 9 ±0.3 EIAJ-ETX-7001 compatible 4.0 2.0 A Leading side 4.0 φ1.5 C 0.3 SMD3 SSD3 UMD3 EMD3 Package T146 Code T116 T106 TL 3.2 3.1 2.2 1.8 A 3.2 2.85 2.7 1.8 B Dimensions 1.35 0.9 1.15 1.4 C 3,000 3,000 3,000 3,000 Quantity/Reel EMD4/EMD5/TEMD5/EMD6 Reel Taping 11.4 ±1.0 9 ±0.3 EIAJ-ETX-7001 compatible φ1.5 +0.1 −0 4.0 ±0.1 4.0 ±0.1 0.65 ±0.1 0.3 ±0.1 1.7 ±0.05 1PIN 2.0 ±0.05 φ0.8±0.1 T2R Code Quantity/Reel 3,000 UMD4 <SOT-343> (SC-82) Reel Taping 11.4 ±1.0 9 ±0.3 EIAJ-ETX-7001 compatible 1.15 0.3 4.0 2.0 Cathode side 2.2 4.0 Leading side φ1.5 TL Code Quantity/Reel 3,000 |