| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC2453 Fiches technique(PDF) 16 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2453 Fiches technique(HTML) 16 Page - Linear Technology |
|
16 / 18 page ![]() LTC2453 16 2453fb PACKAGE DESCRIPTION 1.50 – 1.75 (NOTE 4) 2.80 BSC 0.22 – 0.36 8 PLCS (NOTE 3) DATUM ‘A’ 0.09 – 0.20 (NOTE 3) TS8 TSOT-23 0802 2.90 BSC (NOTE 4) 0.65 BSC 1.95 BSC 0.80 – 0.90 1.00 MAX 0.01 – 0.10 0.20 BSC 0.30 – 0.50 REF PIN ONE ID NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. JEDEC PACKAGE REFERENCE IS MO-193 3.85 MAX 0.52 MAX 0.65 REF RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR 1.4 MIN 2.62 REF 1.22 REF TSOT Package 8-Lead Plastic TSOT (Reference LTC TS8 # 05-08-1637) |