Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F0010AT-20E/PF Fiches technique(PDF) 56 Page - Microchip Technology

No de pièce DSPIC30F0010AT-20E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-20E/PF Fiches technique(HTML) 56 Page - Microchip Technology

Back Button DSPIC30F0010AT-20E/PF Datasheet HTML 52Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 53Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 54Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 55Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 56Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 57Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 58Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 59Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 232 page
background image
dsPIC30F6010A/6015
DS70150D-page 56
© 2008 Microchip Technology Inc.
7.2
Erasing Data EEPROM
7.2.1
ERASING A BLOCK OF DATA
EEPROM
In order to erase a block of data EEPROM, the
NVMADRU and NVMADR registers must initially
point to the block of memory to be erased. Configure
NVMCON for erasing a block of data EEPROM and
set the WR and WREN bits in the NVMCON register.
Setting the WR bit initiates the erase, as shown in
Example 7-2.
EXAMPLE 7-2:
DATA EEPROM BLOCK ERASE
7.2.2
ERASING A WORD OF DATA
EEPROM
The NVMADRU and NVMADR registers must point to
the block. Select a block of data Flash and set the WR
and WREN bits in the NVMCON register. Setting the
WR bit initiates the erase, as shown in Example 7-3.
EXAMPLE 7-3:
DATA EEPROM WORD ERASE
; Select data EEPROM block, WR, WREN bits
MOV
#4045,W0
MOV
W0,NVMCON
; Initialize NVMCON SFR
; Start erase cycle by setting WR after writing key sequence
DISI
#5
; Block all interrupts with priority <7
; for next 5 instructions
MOV
#0x55,W0
;
MOV
W0,NVMKEY
; Write the 0x55 key
MOV
#0xAA,W1
;
MOV
W1,NVMKEY
; Write the 0xAA key
BSET
NVMCON,#WR
; Initiate erase sequence
NOP
NOP
; Erase cycle will complete in 2mS. CPU is not stalled for the Data Erase Cycle
; User can poll WR bit, use NVMIF or Timer IRQ to determine erasure complete
; Select data EEPROM word, WR, WREN bits
MOV
#4044,W0
MOV
W0,NVMCON
; Start erase cycle by setting WR after writing key sequence
DISI
#5
; Block all interrupts with priority <7
; for next 5 instructions
MOV
#0x55,W0
;
MOV
W0,NVMKEY
; Write the 0x55 key
MOV
#0xAA,W1
;
MOV
W1,NVMKEY
; Write the 0xAA key
BSET
NVMCON,#WR
; Initiate erase sequence
NOP
NOP
; Erase cycle will complete in 2mS. CPU is not stalled for the Data Erase Cycle
; User can poll WR bit, use NVMIF or Timer IRQ to determine erasure complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More