| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F883-E/SS Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/SS Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 328 page ![]() © 2009 Microchip Technology Inc. DS41291F-page 19 PIC16F882/883/884/886/887 RB4/AN11 RB4 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN11 AN — A/D Channel 11. RB5/AN13/T1G RB5 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN13 AN — A/D Channel 13. T1G ST — Timer1 Gate input. RB6/ICSPCLK RB6 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. ICSPCLK ST — Serial Programming Clock. RB7/ICSPDAT RB7 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. ICSPDAT ST TTL ICSP™ Data I/O. RC0/T1OSO/T1CKI RC0 ST CMOS General purpose I/O. T1OSO — XTAL Timer1 oscillator output. T1CKI ST — Timer1 clock input. RC1/T1OSI/CCP2 RC1 ST CMOS General purpose I/O. T1OSI XTAL — Timer1 oscillator input. CCP2 ST CMOS Capture/Compare/PWM2. RC2/P1A/CCP1 RC2 ST CMOS General purpose I/O. P1A ST CMOS PWM output. CCP1 — CMOS Capture/Compare/PWM1. RC3/SCK/SCL RC3 ST CMOS General purpose I/O. SCK ST CMOS SPI clock. SCL ST OD I2C™ clock. RC4/SDI/SDA RC4 ST CMOS General purpose I/O. SDI ST — SPI data input. SDA ST OD I2C data input/output. RC5/SDO RC5 ST CMOS General purpose I/O. SDO — CMOS SPI data output. RC6/TX/CK RC6 ST CMOS General purpose I/O. TX — CMOS EUSART asynchronous transmit. CK ST CMOS EUSART synchronous clock. RC7/RX/DT RC7 ST CMOS General purpose I/O. RX ST — EUSART asynchronous input. DT ST CMOS EUSART synchronous data. RD0 RD0 TTL CMOS General purpose I/O. RD1 RD1 TTL CMOS General purpose I/O. RD2 RD2 TTL CMOS General purpose I/O. RD3 RD3 TTL CMOS General purpose I/O. RD4 RD4 TTL CMOS General purpose I/O. RD5/P1B RD5 TTL CMOS General purpose I/O. P1B — CMOS PWM output. RD6/P1C RD6 TTL CMOS General purpose I/O. P1C — CMOS PWM output. TABLE 1-2: PIC16F884/887 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels HV = High Voltage XTAL = Crystal |