Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F505-E/ST Fiches technique(PDF) 74 Page - Microchip Technology

No de pièce PIC16F505-E/ST
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/ST Fiches technique(HTML) 74 Page - Microchip Technology

Back Button PIC16F505-E/ST Datasheet HTML 70Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 71Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 72Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 73Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 74Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 75Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 76Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 77Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
PIC12F508/509/16F505
DS41236E-page 74
© 2009 Microchip Technology Inc.
TABLE 10-2:
PULL-UP RESISTOR RANGES – PIC12F508/509/16F505
VDD (Volts)
Temperature (
°C)
Min.
Typ.
Max.
GP0(RBO)/GP1(RB1)
2.0
–40
73K
105K
186K
25
73K
113K
187K
85
82K
123K
190K
125
86K
132k
190K
5.5
–40
15K
21K
33K
25
15K
22K
34K
85
19K
26k
35K
125
23K
29K
35K
GP3(RB3)
2.0
–40
63K
81K
96K
25
77K
93K
116K
85
82K
96k
116K
125
86K
100K
119K
5.5
–40
16K
20k
22K
25
16K
21K
23K
85
24K
25k
28K
125
26K
27K
29K
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More