Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F57-E/P Fiches technique(PDF) 71 Page - Microchip Technology

No de pièce PIC16F57-E/P
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57-E/P Fiches technique(HTML) 71 Page - Microchip Technology

Back Button PIC16F57-E/P Datasheet HTML 67Page - Microchip Technology PIC16F57-E/P Datasheet HTML 68Page - Microchip Technology PIC16F57-E/P Datasheet HTML 69Page - Microchip Technology PIC16F57-E/P Datasheet HTML 70Page - Microchip Technology PIC16F57-E/P Datasheet HTML 71Page - Microchip Technology PIC16F57-E/P Datasheet HTML 72Page - Microchip Technology PIC16F57-E/P Datasheet HTML 73Page - Microchip Technology PIC16F57-E/P Datasheet HTML 74Page - Microchip Technology PIC16F57-E/P Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 69
PIC16F5X
12.0
PACKAGING INFORMATION
12.1
Package Marketing Information
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
18-Lead PDIP
PIC16F54
0723CBA
Example
*
Standard PIC device marking consists of Microchip part number, year code, week code, and traceability
code. For PIC device marking beyond this, certain price adders apply. Please check with your Microchip
Sales Office. For QTP devices, any special marking adders are included in QTP price.
XXXXXXXXXXXXXXX
XXXXXXXXXXXXXXX
YYWWNNN
28-Lead PDIP
PIC16F57
0723CBA
Example
XXXXXXXXXXXXXXX
>h
>h
18-Lead SOIC
XXXXXXXXXXXX
YYWWNNN
Example
PIC16F54
0718CDK
XXXXXXXXXXXX
XXXXXXXXXXXX
20-Lead SSOP
YYWWNNN
XXXXXXXXXXX
Example
0720CBP
PIC16F54
XXXXXXXXXXX
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
3
e
3
e
-I/P
-E/SO
-E/SS
-I/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88