| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F4580-E/SP Fiches technique(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4580-E/SP Fiches technique(HTML) 20 Page - Microchip Technology |
|
20 / 490 page ![]() PIC18F2480/2580/4480/4580 DS39637D-page 20 © 2009 Microchip Technology Inc. PORTB is a bidirectional I/O port. PORTB can be software programmed for internal weak pull-ups on all inputs. RB0/INT0/FLT0/ AN10 RB0 INT0 FLT0 AN10 33 9 8 I/O I I I TTL ST ST Analog Digital I/O. External Interrupt 0. Enhanced PWM Fault input (ECCP1 module). Analog input 10. RB1/INT1/AN8 RB1 INT1 AN8 34 10 9 I/O I I TTL ST Analog Digital I/O. External Interrupt 1. Analog input 8. RB2/INT2/CANTX RB2 INT2 CANTX 35 11 10 I/O I O TTL ST TTL Digital I/O. External Interrupt 2. CAN bus TX. RB3/CANRX RB3 CANRX 36 12 11 I/O I TTL TTL Digital I/O. CAN bus RX. RB4/KBI0/AN9 RB4 KBI0 AN9 37 14 14 I/O I I TTL TTL Analog Digital I/O. Interrupt-on-change pin. Analog Input 9. RB5/KBI1/PGM RB5 KBI1 PGM 38 15 15 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. Low-Voltage ICSP™ Programming enable pin. RB6/KBI2/PGC RB6 KBI2 PGC 39 16 16 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. In-Circuit Debugger and ICSP programming clock pin. RB7/KBI3/PGD RB7 KBI3 PGD 40 17 17 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. In-Circuit Debugger and ICSP programming data pin. TABLE 1-3: PIC18F4480/4580 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP QFN TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power I2C= I2C™/SMBus input buffer |