| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F616-E/P Fiches technique(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/P Fiches technique(HTML) 83 Page - Microchip Technology |
|
83 / 214 page ![]() © 2009 Microchip Technology Inc. DS41288F-page 83 PIC16F610/616/16HV610/616 TABLE 9-2: SUMMARY OF ASSOCIATED ADC REGISTERS Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ADCON0(1) ADFM VCFG CHS3 CHS2 CHS1 CHS0 GO/DONE ADON 0000 0000 0000 0000 ADCON1(1) — ADCS2 ADCS1 ADCS0 — — — — -000 ---- -000 ---- ANSEL ANS ANS6 ANS5 ANS4 ANS3 (1) ANS2 (1) ANS1 ANS0 1111 1111 1111 1111 ADRESH(1,2) A/D Result Register High Byte xxxx xxxx uuuu uuuu ADRESL(1,2) A/D Result Register Low Byte xxxx xxxx uuuu uuuu INTCON GIE PEIE T0IE INTE RAIE T0IF INTF RAIF 0000 0000 0000 0000 PIE1 —ADIE(1) CCP1IE(1) C2IE C1IE — TMR2IE(1) TMR1IE -000 0-00 -000 0-00 PIR1 —ADIF(1) CCP1IF(1) C2IF C1IF — TMR2IF(1) TMR1IF -000 0-00 -000 0-00 PORTA — — RA5 RA4 RA3 RA2 RA1 RA0 --x0 x000 --u0 u000 PORTC — — RC5 RC4 RC3 RC2 RC1 RC0 --xx 00xx --uu 00uu TRISA — — TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 --11 1111 --11 1111 TRISC — — TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 --11 1111 --11 1111 Legend: x = unknown, u = unchanged, – = unimplemented read as ‘0’. Shaded cells are not used for ADC module. Note 1: PIC16F616/16HV616 only. 2: Read-only Register. |