| Moteur de recherche de fiches techniques de composants électroniques |
|
16F648 Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F648 Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 180 page ![]() PIC16F627A/628A/648A DS40044G-page 12 © 2009 Microchip Technology Inc. FIGURE 3-1: BLOCK DIAGRAM Note 1: Higher order bits are from the Status register. Flash Program Memory 13 Data Bus 8 14 Program Bus Instruction Reg Program Counter 8-Level Stack (13-bit) RAM File Registers Direct Addr 7 RAM Addr (1) 9 Addr MUX Indirect Addr FSR Reg Status Reg MUX ALU W Reg Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT MCLR VDD, VSS PORTA PORTB RA4/T0CK1/CMP2 RA5/MCLR/VPP RB0/INT 8 8 Brown-out Reset USART CCP1 Timer0 Timer1 Timer2 RA3/AN3/CMP1 RA2/AN2/VREF RA1/AN1 RA0/AN0 8 3 RB1/RX/DT RB2/TX/CK RB3/CCP1 RB4/PGM RB5 RB6/T1OSO/T1CKI/PGC RB7/T1OSI/PGD Low-Voltage Programming RA6/OSC2/CLKOUT RA7/OSC1/CLKIN VREF Comparator Data EEPROM |