Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F519-E/MC Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce PIC12F519-E/MC
Description  8-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519-E/MC Fiches technique(HTML) 9 Page - Microchip Technology

Back Button PIC12F519-E/MC Datasheet HTML 5Page - Microchip Technology PIC12F519-E/MC Datasheet HTML 6Page - Microchip Technology PIC12F519-E/MC Datasheet HTML 7Page - Microchip Technology PIC12F519-E/MC Datasheet HTML 8Page - Microchip Technology PIC12F519-E/MC Datasheet HTML 9Page - Microchip Technology PIC12F519-E/MC Datasheet HTML 10Page - Microchip Technology PIC12F519-E/MC Datasheet HTML 11Page - Microchip Technology PIC12F519-E/MC Datasheet HTML 12Page - Microchip Technology PIC12F519-E/MC Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
© 2008 Microchip Technology Inc.
DS41319B-page 7
PIC12F519
2.0
PIC12F519 DEVICE VARIETIES
When placing orders, please use the PIC12F519
Product Identification System at the back of this data
sheet to specify the correct part number. A variety of
packaging options are available. Depending on
application and production requirements, the proper
device option can be selected using the information in
this section.
2.1
Quick Turn Programming (QTP)
Devices
Microchip offers a QTP programming service for factory
production orders. This service is made available for
users who choose not to program medium-to-high
quantity units and whose code patterns have stabilized.
The devices are identical to the Flash devices but with
all
Flash
locations
and
fuse options
already
programmed by the factory. Certain code and prototype
verification procedures do apply before production
shipments are available. Please contact your local
Microchip Technology sales office for more details.
2.2
Serialized Quick Turn
ProgrammingSM (SQTPSM) Devices
Microchip offers a unique programming service, where a
few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers may be random, pseudo-random or sequential.
Serial programming allows each device to have a
unique number, which can serve as an entry code,
password or ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96