| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F505-I/MS Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F505-I/MS Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 7 PIC12F508/509/16F505 1.0 GENERAL DESCRIPTION The PIC12F508/509/16F505 devices from Microchip Technology are low-cost, high-performance, 8-bit, fully-static, Flash-based CMOS microcontrollers. They employ a RISC architecture with only 33 single-word/ single-cycle instructions. All instructions are single cycle (200 μs) except for program branches, which take two cycles. The PIC12F508/509/16F505 devices deliver performance an order of magnitude higher than their competitors in the same price category. The 12-bit wide instructions are highly symmetrical, resulting in a typical 2:1 code compression over other 8-bit microcontrollers in its class. The easy to use and easy to remember instruction set reduces development time significantly. The PIC12F508/509/16F505 products are equipped with special features that reduce system cost and power requirements. The Power-on Reset (POR) and Device Reset Timer (DRT) eliminate the need for exter- nal Reset circuitry. There are four oscillator configura- tions to choose from (six on the PIC16F505), including INTRC Internal Oscillator mode and the power-saving LP (Low-Power) Oscillator mode. Power-Saving Sleep mode, Watchdog Timer and code protection features improve system cost, power and reliability. The PIC12F508/509/16F505 devices are available in the cost-effective Flash programmable version, which is suitable for production in any volume. The customer can take full advantage of Microchip’s price leadership in Flash programmable microcontrollers, while benefiting from the Flash programmable flexibility. The PIC12F508/509/16F505 products are supported by a full-featured macro assembler, a software simula- tor, an in-circuit emulator, a ‘C’ compiler, a low-cost development programmer and a full featured program- mer. All the tools are supported on IBM® PC and compatible machines. 1.1 Applications The PIC12F508/509/16F505 devices fit in applications ranging from personal care appliances and security systems to low-power remote transmitters/receivers. The Flash technology makes customizing application programs (transmitter codes, appliance settings, receiver frequencies, etc.) extremely fast and conve- nient. The small footprint packages, for through hole or surface mounting, make these microcontrollers perfect for applications with space limitations. Low cost, low power, high performance, ease-of-use and I/O flexibil- ity make the PIC12F508/509/16F505 devices very ver- satile even in areas where no microcontroller use has been considered before (e.g., timer functions, logic and PLDs in larger systems and coprocessor applications). TABLE 1-1: PIC12F508/509/16F505 DEVICES PIC12F508 PIC12F509 PIC16F505 Clock Maximum Frequency of Operation (MHz) 4 4 20 Memory Flash Program Memory (words) 512 1024 1024 Data Memory (bytes) 25 41 72 Peripherals Timer Module(s) TMR0 TMR0 TMR0 Wake-up from Sleep on Pin Change Yes Yes Yes Features I/O Pins 5 5 11 Input Pins 1 1 1 Internal Pull-ups Yes Yes Yes In-Circuit Serial Programming Yes Yes Yes Number of Instructions 33 33 33 Packages 8-pin PDIP, SOIC, MSOP, DFN 8-pin PDIP, SOIC, MSOP, DFN 14-pin PDIP, SOIC, TSSOP The PIC12F508/509/16F505 devices have Power-on Reset, selectable Watchdog Timer, selectable code-protect, high I/O current capability and precision internal oscillator. The PIC12F508/509/16F505 devices use serial programming with data pin RB0/GP0 and clock pin RB1/GP1. |