Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F631-E/ML Fiches technique(PDF) 89 Page - Microchip Technology

No de pièce PIC16F631-E/ML
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F631-E/ML Fiches technique(HTML) 89 Page - Microchip Technology

Back Button PIC16F631-E/ML Datasheet HTML 85Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 86Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 87Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 88Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 89Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 90Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 91Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 92Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 87
PIC16F631/677/685/687/689/690
FIGURE 6-2:
TIMER1 INCREMENTING EDGE
T1CKI = 1
when TMR1
Enabled
T1CKI = 0
when TMR1
Enabled
Note 1: Arrows indicate counter increments.
2: In Counter mode, a falling edge must be registered by the counter prior to the first incrementing rising edge of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More