Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F688-E/ST Fiches technique(PDF) 56 Page - Microchip Technology

No de pièce PIC16F688-E/ST
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/ST Fiches technique(HTML) 56 Page - Microchip Technology

Back Button PIC16F688-E/ST Datasheet HTML 52Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 53Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 54Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 55Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 56Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 57Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 58Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 59Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 204 page
background image
PIC16F688
DS41203E-page 54
© 2009 Microchip Technology Inc.
FIGURE 7-2:
COMPARATOR C1 OUTPUT BLOCK DIAGRAM
FIGURE 7-3:
COMPARATOR C2 OUTPUT BLOCK DIAGRAM
DQ
EN
To C1OUT pin
RD CMCON0
Set C1IF bit
Q3*RD CMCON0
Reset
To Data Bus
C1INV
DQ
EN
CL
Q1
Note 1:
Q1 and Q3 are phases of the four-phase system clock (FOSC).
2:
Q1 is held high during Sleep mode.
C1
C2SYNC
DQ
EN
To C2OUT pin
RD CMCON0
Set C2IF bit
Q3*RD CMCON0
Reset
To Data Bus
C2INV
Timer1
clock source(1)
0
1
To Timer1 Gate
DQ
DQ
EN
CL
Q1
Note 1:
Comparator output is latched on falling edge of Timer1 clock source.
2:
Q1 and Q3 are phases of the four-phase system clock (FOSC).
3:
Q1 is held high during Sleep mode.
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More