Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F688-I/P Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce PIC16F688-I/P
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-I/P Fiches technique(HTML) 4 Page - Microchip Technology

  PIC16F688-I/P Datasheet HTML 1Page - Microchip Technology PIC16F688-I/P Datasheet HTML 2Page - Microchip Technology PIC16F688-I/P Datasheet HTML 3Page - Microchip Technology PIC16F688-I/P Datasheet HTML 4Page - Microchip Technology PIC16F688-I/P Datasheet HTML 5Page - Microchip Technology PIC16F688-I/P Datasheet HTML 6Page - Microchip Technology PIC16F688-I/P Datasheet HTML 7Page - Microchip Technology PIC16F688-I/P Datasheet HTML 8Page - Microchip Technology PIC16F688-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 204 page
background image
PIC16F688
DS41203E-page 2
© 2009 Microchip Technology Inc.
Pin Diagram (PDIP, SOIC, TSSOP)
TABLE 1:
PIC16F688 14-PIN SUMMARY (PDIP, SOIC, TSSOP)
Device
Program
Memory
Data Memory
I/O
10-bit A/D
(ch)
Comparators
Timers
8/16-bit
Flash
(words)
SRAM
(bytes)
EEPROM
(bytes)
PIC16F688
4096
256
256
12
8
2
1/1
I/O
Pin
Analog
Comparators
Timers
EUSART
Interrupt
Pull-up
Basic
RA0
13
AN0/ULPWU
C1IN+
—
—
IOC
Y
ICSPDAT
RA1
12
AN1
C1IN-
—
—
IOC
Y
VREF/ICSPCLK
RA2
11
AN2
C1OUT
T0CKI
—
IOC/INT
Y
—
RA3
4
—
—
—
—
IOC
Y(1)
MCLR/VPP
RA4
3
AN3
—
T1G
—
IOC
Y
OSC2/CLKOUT
RA5
2
—
—
T1CKI
—
IOC
Y
OSC1/CLKIN
RC0
10
AN4
C2IN+
—
—
—
—
—
RC1
9
AN5
C2IN-
—
—
—
—
—
RC2
8
AN6
—
—
—
—
—
—
RC3
7
AN7
—
—
—
—
—
—
RC4
6
—
C2OUT
—
TX/CK
—
—
—
RC5
5
—
—
—
RX/DT
—
—
—
—
1
—
—
—
—
—
—
VDD
—14
—
—
—
—
—
—
VSS
Note 1:
Pull-up activated only with external MCLR configuration.
14-pin PDIP, SOIC, TSSOP
VDD
RA5/T1CKI/OSC1/CLKIN
RA4/AN3/T1G/OSC2/CLKOUT
RA3/MCLR/VPP
RC5/RX/DT
RC4/C2OUT/TX/CK
RC3/AN7
VSS
RA0/AN0/C1IN+/ICSPDAT/ULPWU
RA1/AN1/C1IN-/VREF/ICSPCLK
RA2/AN2/T0CKI/INT/C1OUT
RC0/AN4/C2IN+
RC1/AN5/C2IN-
RC2/AN6
1
2
3
4
5
6
7
14
13
12
9
11
10
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More