Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F5X Fiches technique(PDF) 65 Page - Microchip Technology

No de pièce PIC16F5X
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F5X Fiches technique(HTML) 65 Page - Microchip Technology

Back Button PIC16F5X Datasheet HTML 61Page - Microchip Technology PIC16F5X Datasheet HTML 62Page - Microchip Technology PIC16F5X Datasheet HTML 63Page - Microchip Technology PIC16F5X Datasheet HTML 64Page - Microchip Technology PIC16F5X Datasheet HTML 65Page - Microchip Technology PIC16F5X Datasheet HTML 66Page - Microchip Technology PIC16F5X Datasheet HTML 67Page - Microchip Technology PIC16F5X Datasheet HTML 68Page - Microchip Technology PIC16F5X Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 63
PIC16F5X
11.4
Timing Parameter Symbology and Load Conditions
The timing parameter symbols have been created with one of the following formats:
FIGURE 11-2:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS – PIC16F5X
11.5
Timing Diagrams and Specifications
FIGURE 11-3:
EXTERNAL CLOCK TIMING
1. TppS2ppS
2. TppS
T
F
Frequency
T
Time
Lowercase letters (pp) and their meanings:
pp
2to
mc MCLR
ck
CLKOUT
osc oscillator
cy
cycle time
os
OSC1
drt device reset timer
t0
T0CKI
io
I/O port
wdt watchdog timer
Uppercase letters and their meanings:
S
FFall
P
Period
HHigh
R
Rise
I
Invalid (High-impedance)
V
Valid
L
Low
Z
High-impedance
CL
VSS
Pin
Legend:
CL =
50 pF
for all pins and OSC2 for RC mode
0-15 pF
for OSC2 in XT, HS or LP modes when
external clock is used to drive OSC1
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88