| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F688-I/ML Fiches technique(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-I/ML Fiches technique(HTML) 39 Page - Microchip Technology |
|
39 / 204 page ![]() © 2009 Microchip Technology Inc. DS41203E-page 37 PIC16F688 4.2.5 PIN DESCRIPTIONS AND DIAGRAMS Each PORTA pin is multiplexed with other functions. The pins and their combined functions are briefly described here. For specific information about individ- ual functions such as the comparator or the A/D, refer to the appropriate section in this data sheet. 4.2.5.1 RA0/AN0/C1IN+/ICSPDAT/ULPWU Figure 4-1 shows the diagram for this pin. The RA0 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D • an analog input to the comparator • an analog input to the Ultra Low-Power Wake-up • In-Circuit Serial Programming™ data FIGURE 4-1: BLOCK DIAGRAM OF RA0 I/O PIN VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak RD PORTA RD WR WR RD WR IOCA RD IOCA Interrupt-on- To Comparator Analog(1) Input Mode RAPU Analog(1) Input Mode Change Q3 WR RD 01 IULP WPUDA Data Bus WPUDA PORTA TRISA TRISA PORTA Note 1: Comparator mode and ANSEL determines analog Input mode. - +VT ULPWUE To A/D Converter Vss |