Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24F04KA200T-I/SS Fiches technique(PDF) 77 Page - Microchip Technology

No de pièce PIC24F04KA200T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA200T-I/SS Fiches technique(HTML) 77 Page - Microchip Technology

Back Button PIC24F04KA200T-I/SS Datasheet HTML 73Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 74Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 75Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 76Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 77Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 78Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 79Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 80Page - Microchip Technology PIC24F04KA200T-I/SS Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 75
PIC24F04KA201 FAMILY
REGISTER 7-16:
IPC5: INTERRUPT PRIORITY CONTROL REGISTER 5
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-0
R/W-0
—
—
—
—
—
INT1IP2
INT1IP1
INT1IP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-3
Unimplemented:
Read as ‘0’
bit 2-0
INT1IP<2:0>:
External Interrupt 1 Priority bits
111
= Interrupt is priority 7 (highest priority interrupt)
•
•
•
001
= Interrupt is priority 1
000
= Interrupt source is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More