| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1521 Fiches technique(PDF) 16 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1521 Fiches technique(HTML) 16 Page - ams AG |
|
16 / 29 page ![]() www.austriamicrosystems.com Revision 1.00 16 - 29 AS1520/AS1521 Data Sheet - Deta iled Description Channel Selection Depending on the setting of bit MODE (page 15), the internal inputs of the ADC (AIN+ and AIN-) are connected differ- ently to the input channels (CH0:CH7 and COM). Single-Ended Input Note: In single-ended mode pin COM should be connected to GND pin. Differential Input Table 10. Input Channel Selection for MODE = 1 SEL2 SEL1 SEL0 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM 0 0 0 AIN+ AIN- 0 0 1 AIN+ AIN- 0 1 0 AIN+ AIN- 0 1 1 AIN+ AIN- 1 0 0 AIN+ AIN- 1 0 1 AIN+ AIN- 1 1 0 AIN+ AIN- 1 1 1 AIN+ AIN- Table 11. Input Channel Selection for MODE = 0 SEL2 SEL1 SEL0 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 0 0 0 AIN+ AIN- 0 0 1 AIN+ AIN- 0 1 0 AIN+ AIN- 0 1 1 AIN+ AIN- 1 0 0 AIN- AIN+ 1 0 1 AIN- AIN+ 1 1 0 AIN- AIN+ 1 1 1 AIN- AIN+ |