Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1520 Fiches technique(PDF) 17 Page - ams AG

No de pièce AS1520
Description  10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1520 Fiches technique(HTML) 17 Page - ams AG

Back Button AS1520 Datasheet HTML 13Page - ams AG AS1520 Datasheet HTML 14Page - ams AG AS1520 Datasheet HTML 15Page - ams AG AS1520 Datasheet HTML 16Page - ams AG AS1520 Datasheet HTML 17Page - ams AG AS1520 Datasheet HTML 18Page - ams AG AS1520 Datasheet HTML 19Page - ams AG AS1520 Datasheet HTML 20Page - ams AG AS1520 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
17 - 29
AS1520/AS1521
Data Sheet - Deta iled Description
Starting a Conversion
A conversion is started by clocking a control byte into pin DIN.
With CSN low, each rising edge on SCLK clocks a bit from DIN into the internal shift register, starting with the MSB. A
conversion will only start when a logic 1 is written to the START bit of the 8-bit control register.
Figure 21. Single Conversion Timing Waveforms
Figure 22. Continuous 16-Clock Conversion Timing Waveforms
RANGE
B9
B8
B7
B6
B5
S0
S1
B0
B1
B2
B3
B4
tACQ
RB1
RB2
RB3
Single Conversion
Acquire
Idle
Idle
1
4
8
9
12
20
16
24
Start
High-Z
High-Z
High-Z
High-Z
CSN
SCLK
DIN
SSTRB
DOUT
SEL2 SEL1 SEL0
MODE
PD0
PD1
High-Z
CSN
DIN
SSTRB
SCLK
B9
B9
B0
B4
B4
B4
B0
...
Conversion Result 0
Conversion Result 1
Control Byte 0
Control Byte 1
Control Byte 2
High-Z
B9
112
816 1
12
816 1
12
816
SS
S
S
DOUT
Conversion Result 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29