Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

11AA080T-IP Fiches technique(PDF) 37 Page - Microchip Technology

No de pièce 11AA080T-IP
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA080T-IP Fiches technique(HTML) 37 Page - Microchip Technology

Back Button 11AA080T-IP Datasheet HTML 33Page - Microchip Technology 11AA080T-IP Datasheet HTML 34Page - Microchip Technology 11AA080T-IP Datasheet HTML 35Page - Microchip Technology 11AA080T-IP Datasheet HTML 36Page - Microchip Technology 11AA080T-IP Datasheet HTML 37Page - Microchip Technology 11AA080T-IP Datasheet HTML 38Page - Microchip Technology 11AA080T-IP Datasheet HTML 39Page - Microchip Technology 11AA080T-IP Datasheet HTML 40Page - Microchip Technology 11AA080T-IP Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS22067H-page 37
11AAXXX/11LCXXX
APPENDIX A: REVISION HISTORY
Revision A (10/07)
Original release of this document.
Revision B (01/08)
Revised SOT-23 Package Type; Revised DFN
package to TDFN; Section 3.3 (added new bullet item);
Section 4.5 note; Table 7-1.
Revision C (03/08)
Removed patent pending notice; Revised Tables 1-1
and 1-2; Section 3.3 (bullet 3) and 3.7 (bullet 2);
Product ID System.
Revision D (04/08)
Revised document status to Preliminary; General
updates.
Revision E (09/08)
Updated UNI/O trademark; Revised Table 1-2,
parameters 3 and 5; Updated package drawings.
Revision F (10/09)
Added 3-lead TO-92 Package.
Revision G (12/09)
Added 11AA161/11LC161 device.
Revision H (03/10)
Added 4-lead Chip Scale package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44