| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F45K20-E/ML Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F45K20-E/ML Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 456 page ![]() TABLE 1-1: DEVICE FEATURES Features PIC18F23K20 PIC18F24K20 PIC18F25K20 PIC18F26K20 PIC18F43K20 PIC18F44K20 PIC18F45K20 PIC18F46K20 Operating Frequency(2) DC – 64 MHz DC – 64 MHz DC – 64 MHz DC – 64 MHz DC – 64 MHz DC – 64 MHz DC – 64 MHz DC – 64 MHz Program Memory (Bytes) 8192 16384 32768 65536 8192 16384 32768 65536 Program Memory (Instructions) 4096 8192 16384 32768 4096 8192 16384 32768 Data Memory (Bytes) 512 768 1536 3936 512 768 1536 3936 Data EEPROM Memory (Bytes) 256 256 256 1024 256 256 256 1024 Interrupt Sources 19 19 19 19 20 20 20 20 I/O Ports A, B, C, (E)(1) A, B, C, (E)(1) A, B, C, (E)(1) A, B, C, (E)(1) A, B, C, D, E A, B, C, D, E A, B, C, D, E A, B, C, D, E Timers 4 4 44 44 44 Capture/Compare/PWM Modules 111 1 1 1 1 1 Enhanced Capture/ Compare/PWM Modules 1 1 11 11 11 Serial Communications MSSP, Enhanced USART MSSP, Enhanced USART MSSP, Enhanced USART MSSP, Enhanced USART MSSP, Enhanced USART MSSP, Enhanced USART MSSP, Enhanced USART MSSP, Enhanced USART Parallel Communica- tions (PSP) No No No No Yes Yes Yes Yes 10-bit Analog-to-Digital Module 1 internal plus 10 Input Channels 1 internal plus 10 Input Channels 1 internal plus 10 Input Channels 1 internal plus 10 Input Channels 1 internal plus 13 Input Channels 1 internal plus 13 Input Channels 1 internal plus 13 Input Channels 1 internal plus 13 Input Channels Resets (and Delays) POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT Programmable High/ Low-Voltage Detect Yes Yes Yes Yes Yes Yes Yes Yes Programmable Brown- out Reset Yes Yes Yes Yes Yes Yes Yes Yes Instruction Set 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled Packages 28-pin PDIP 28-pin SOIC 28-pin QFN 28-pin SSOP 28-pin UQFN 28-pin PDIP 28-pin SOIC 28-pin QFN 28-pin SSOP 28-pin PDIP 28-pin SOIC 28-pin QFN 28-pin SSOP 28-pin PDIP 28-pin SOIC 28-pin QFN 28-pin SSOP 40-pin PDIP 44-pin QFN 44-pin TQFP 40-pin PDIP 44-pin QFN 44-pin TQFP 40-pin PDIP 44-pin QFN 44-pin TQFP 40-pin PDIP 44-pin QFN 44-pin TQFP Note 1: PORTE contains the single RE3 read-only bit. The LATE and TRISE registers are not implemented. 2: Frequency range shown applies to industrial range devices only. Maximum frequency for extended range devices is 48 MHz. |