Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RE46C165SW16F Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce RE46C165SW16F
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C165SW16F Fiches technique(HTML) 19 Page - Microchip Technology

Back Button RE46C165SW16F Datasheet HTML 15Page - Microchip Technology RE46C165SW16F Datasheet HTML 16Page - Microchip Technology RE46C165SW16F Datasheet HTML 17Page - Microchip Technology RE46C165SW16F Datasheet HTML 18Page - Microchip Technology RE46C165SW16F Datasheet HTML 19Page - Microchip Technology RE46C165SW16F Datasheet HTML 20Page - Microchip Technology RE46C165SW16F Datasheet HTML 21Page - Microchip Technology RE46C165SW16F Datasheet HTML 22Page - Microchip Technology RE46C165SW16F Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
 2010 Microchip Technology Inc.
DS22251A-page 19
RE46C165/6/7/8
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
16-Lead PDIP
Example
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
1007256
RE46C165-V/P^^
16-Lead SOIC (150 mil.)
Example
1007256
RE46C165
3
e
3
e
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXXXX
XXXXXXXXXXXXX
YYWWNNN
16-Lead SOIC (300 mil.)
Example
1007256
RE46C165
3
e
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
V/SL
V/SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30