| Moteur de recherche de fiches techniques de composants électroniques |
|
HCM0703-2R2-R Fiches technique(PDF) 2 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
HCM0703-2R2-R Fiches technique(HTML) 2 Page - Cooper Bussmann, Inc. |
|
2 / 4 page ![]() T op V iew Sid e Vie w B o tto m V ie w R e c o m m ended P ad Lay o ut Sc h e m a tic 1 2 P a rt m a rk in g: xxx= Inductance value in uH , R = decim al point, If no R is present then la st digit is # of zeroes w w lly y = D a te c o de, R = R e v is ion le v e l T o le ra nc es are ± 0.3 unle s s other w is e s pec ified. 7.10 ±0 .3 0 6.80 ±0 .2 0 3.0 ma x . 2.95 ±0 .2 0 1.60 ±0 .3 0 4.0 ty p. 3.3 2.3 3.0 7.4 7.1 1 2 D Diim me en ns siio on ns s -- m mm m U ser direction of feed 1 2 S E CT IO N B -B BB 7.2 3.8 7.5 S E CT IO N A -A 1.5 dia. 1.75 4.0 A A 2.0 16.0 ±0.3 12.0 3.1 1.5 dia. 7.2 7.5 XXX w w llyy R 0 10 20 30 40 50 60 0 0 .3 0 .6 0 .9 1 .2 1 .5 Total Loss (W) Packaging Information - mm Temperature Rise vs. Total Loss 1209 BU-SB091169 Page 2 of 4 Data Sheet: 4085 Supplied in tape-and-reel packaging, 1,500 parts per reel, 13” diameter reel. |