Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMP8358MA Fiches technique(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LMP8358MA
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8358MA Fiches technique(HTML) 21 Page - National Semiconductor (TI)

Back Button LMP8358MA Datasheet HTML 17Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 18Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 19Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 20Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 21Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 22Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 23Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 24Page - National Semiconductor (TI) LMP8358MA Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Star Configuration
The configuration shown in Figure 3 can be used if each
LMP8358 will always have the same value in each register.
After the microcontroller writes, all registers will have the
same value. Using multiple CSB lines as shown in Figure 4
allows different values to be written into each register.
300454a3
FIGURE 3. Star Configuration for Writing the Same Value Into Each Register
300454a4
FIGURE 4. Star Configuration for Writing Different Values Into Each Register
Daisy Chain Configuration
This configuration can be used to program the same or dif-
ferent values in the register of each LMP8358. The connec-
tions are shown in Figure 5. In this configuration the SDO pin
of each LMP8358 is connected to the SDI pin of the following
LMP8358.
300454a5
FIGURE 5. Daisy Chain Configuration
21
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32