Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS35L03 Fiches technique(PDF) 6 Page - Cirrus Logic

No de pièce CS35L03
Description  2.9 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L03 Fiches technique(HTML) 6 Page - Cirrus Logic

Back Button CS35L03 Datasheet HTML 2Page - Cirrus Logic CS35L03 Datasheet HTML 3Page - Cirrus Logic CS35L03 Datasheet HTML 4Page - Cirrus Logic CS35L03 Datasheet HTML 5Page - Cirrus Logic CS35L03 Datasheet HTML 6Page - Cirrus Logic CS35L03 Datasheet HTML 7Page - Cirrus Logic CS35L03 Datasheet HTML 8Page - Cirrus Logic CS35L03 Datasheet HTML 9Page - Cirrus Logic CS35L03 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CS35L01/03
6
DS909A2
2. DIGITAL BALL CONFIGURATIONS
See (Note 1) and (Note 2) below the table.
Note:
1. Refer to specification table “Digital Interface Specifications and Characteristics” on page 14 for details
on the digital I/O characteristics.
2. I/O voltage levels must not exceed the voltage listed in table “Absolute Maximum Ratings” on page 8.
Power Supply
I/O Name
Ball
Direction
Internal Connections
Configuration
VBATT
SD
C2
Input
No Internal Pull Up
Hysteresis on CMOS Input
MODE
A2
Input
No Internal Pull Up
Hysteresis on CMOS Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34