Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

16F1828 Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce 16F1828
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1828 Fiches technique(HTML) 8 Page - Microchip Technology

Back Button 16F1828 Datasheet HTML 4Page - Microchip Technology 16F1828 Datasheet HTML 5Page - Microchip Technology 16F1828 Datasheet HTML 6Page - Microchip Technology 16F1828 Datasheet HTML 7Page - Microchip Technology 16F1828 Datasheet HTML 8Page - Microchip Technology 16F1828 Datasheet HTML 9Page - Microchip Technology 16F1828 Datasheet HTML 10Page - Microchip Technology 16F1828 Datasheet HTML 11Page - Microchip Technology 16F1828 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 420 page
background image
FIGURE 3:
20-PIN DIAGRAM FOR PIC16F/LF1828
PDIP, SOIC, TSSOP
1
2
3
4
20
19
18
17
5
6
7
16
15
14
VDD
CCP2(1)/P2A(1)/T1CKI/T1OSI/OSC1/CLKIN/RA5
T1G(1)/P2B(1)/CLKR/T1OSO/CLKOUT/OSC2/CPS3/AN3/RA4
MCLR/VPP/T1G(1)/RA3
MDCIN2/DT(1)/RX(1)/P1A/CCP1/RC5
MDOUT/CK(1)/TX(1)/P1B/SRNQ/C2OUT/RC4
MDMIN/P2A(1)/CCP2(1)/P1C(1)/C12IN3-/CPS7/AN7/RC3
VSS
RA0/AN0/CPS0/C1IN+/VREF-/DACOUT/ICSPDAT/ICDDAT
RA1/AN1/CPS1/C12IN0-/VREF+/SRI/ICSPCLK/ICDCLK
RA2/AN2/CPS2/T0CKI/INT/C1OUT/SRQ/CCP3/FLT0
RC0/AN4/CPS4/C2IN+/P1D(1)
RC2/AN6/CPS6/C12IN2-/P1D(1)/P2B(1)/MDCIN1
8
9
10
13
12
11
SS/CCP4/CPS8/AN8/RC6
SDO/CPS9/AN9/RC7
CK(1)/TX(1)/RB7
RB4/AN10/CPS10/SDA1/SDI1
RB5/AN11/CPS11/RX(1)/DT(1)
RB6/SCL1/SCK1
RC1/AN5/CPS5/C12IN1-/P1C(1)
Note 1: Pin function is selectable via the APFCON0 or APFCON1 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More