Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA5.0 Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce SA5.0
Description  500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SA5.0 Fiches technique(HTML) 2 Page - Micro Commercial Components

  SA5.0_09 Datasheet HTML 1Page - Micro Commercial Components SA5.0_09 Datasheet HTML 2Page - Micro Commercial Components SA5.0_09 Datasheet HTML 3Page - Micro Commercial Components SA5.0_09 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: 10
2009/10/26
SA5.0(C)(A) THRU SA170(C)(A)
Micro Commercial Components
MCC
TM
UNI-Polar
BI-Polar
SA5.0A
SA5.0CA
5.0
6.40
7.00
10
9.2
55.4
600
5
SA6.0A
SA6.0CA
6.0
6.67
7.37
10
10.3
49.5
600
5
SA6.5A
SA6.5CA
6.5
7.22
7.98
10
11.2
45.5
400
5
SA7.0A
SA7.0CA
7.0
7.78
8.60
10
12
42.5
150
6
SA7.5A
SA7.5CA
7.5
8.33
9.21
1
12.9
39.5
50
7
SA8.0A
SA8.0CA
8.0
8.89
9.83
1
13.6
37.5
25
7
SA8.5A
SA8.5CA
8.5
9.44
10.40
1
14.4
35.4
10
8
SA9.0A
SA9.0CA
9.0
10.00
11.10
1
15.4
33.1
5
9
SA10A
SA10CA
10.0
11.10
12.30
1
17
30
1
10
SA11A
SA11CA
11.0
12.20
13.50
1
18.2
28
1
11
SA12A
SA12CA
12.0
13.30
14.70
1
19.9
25.6
1
12
SA13A
SA13CA
13.0
14.40
15.90
1
21.5
23.7
1
13
SA14A
SA14CA
14.0
15.60
17.20
1
23.2
22
1
14
SA15A
SA15CA
15.0
16.70
18.50
1
24.4
20.9
1
16
SA16A
SA16CA
16.0
17.80
19.70
1
26
19.6
1
17
SA17A
SA17CA
17.0
18.90
20.90
1
27.6
18.5
1
19
SA18A
SA18CA
18.0
20.00
22.10
1
29.2
17.5
1
20
SA20A
SA20CA
20.0
22.20
24.50
1
32.4
15.7
1
23
SA22A
SA22CA
22.0
24.40
26.90
1
35.5
14.4
1
25
SA24A
SA24CA
24.0
26.70
29.50
1
38.9
13.1
1
28
SA26A
SA26CA
26.0
28.90
31.90
1
42.1
12.1
1
30
SA28A
SA28CA
28.0
31.10
34.40
1
45.4
11.2
1
31
SA30A
SA30CA
30.0
33.30
36.80
1
48.4
10.5
1
36
SA33A
SA33CA
33.0
36.70
40.60
1
53.3
9.6
1
39
SA36A
SA36CA
36.0
40.00
44.20
1
58.1
8.8
1
41
SA40A
SA40CA
40.0
44.40
49.10
1
64.5
7.9
1
46
SA43A
SA43CA
43.0
47.80
52.80
1
69.4
7.3
1
50
SA45A
SA45CA
45.0
50.00
55.30
1
72.7
7
1
52
SA48A
SA48CA
48.0
53.30
58.90
1
77.4
6.6
1
56
SA51A
SA51CA
51.0
56.70
62.70
1
82.4
6.2
1
61
SA54A
SA54CA
54.0
60.00
66.30
1
87.1
5.9
1
65
SA58A
SA58CA
58.0
64.40
71.20
1
93.6
5.4
1
70
SA60A
SA60CA
60.0
66.70
73.70
1
96.8
5.3
1
71
SA64A
SA64CA
64.0
71.10
78.60
1
103
5
1
76
SA70A
SA70CA
70.0
77.80
86.00
1
113
4.5
1
85
SA75A
SA75CA
75.0
83.30
92.10
1
121
4.2
1
91
SA78A
SA78CA
78.0
86.70
95.80
1
126
4
1
95
SA85A
SA85CA
85.0
94.40
104.00
1
137
3.7
1
103
SA90A
SA90CA
90.0
100.00
111.00
1
146
3.5
1
110
SA100A
SA100CA
100.0
111.00
123.00
1
162
3.1
1
123
SA110A
SA110CA
110.0
122.00
135.00
1
177
2.9
1
133
SA120A
SA120CA
120.0
133.00
147.00
1
193
2.6
1
146
SA130A
SA130CA
130.0
144.00
159.00
1
209
2.4
1
158
SA150A
SA150CA
150.0
167.00
185.00
1
243
2.1
1
184
SA160A
SA160CA
160.0
178.00
197.00
1
259
2
1
196
SA170A
SA170CA
170.0
189.00
209.00
1
275
1.9
1
208
MCC
PART NUMBER
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR(µ A)
Maxium
Temperature
Coefficient
of V(BR) (mV/
)
REVERSE
STAND- OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT
IT (mA)
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is +/-10%
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4