Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F722-MV/P Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce PIC16F722-MV/P
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-MV/P Fiches technique(HTML) 7 Page - Microchip Technology

Back Button PIC16F722-MV/P Datasheet HTML 3Page - Microchip Technology PIC16F722-MV/P Datasheet HTML 4Page - Microchip Technology PIC16F722-MV/P Datasheet HTML 5Page - Microchip Technology PIC16F722-MV/P Datasheet HTML 6Page - Microchip Technology PIC16F722-MV/P Datasheet HTML 7Page - Microchip Technology PIC16F722-MV/P Datasheet HTML 8Page - Microchip Technology PIC16F722-MV/P Datasheet HTML 9Page - Microchip Technology PIC16F722-MV/P Datasheet HTML 10Page - Microchip Technology PIC16F722-MV/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 7
PIC16F72X/PIC16LF72X
Pin Diagrams – 40-PIN PDIP (PIC16F724/727/PIC16LF724/727)
1
2
3
4
5
6
7
8
9
10
VPP/MCLR/RE3
VCAP(3)/SS(2)/AN0/RA0
AN1/RA1
AN2/RA2
VREF/AN3/RA3
T0CKI/CPS6/RA4
VCAP
(3)/SS(2)/CPS7/AN4/RA5
AN5/RE0
AN6/RE1
AN7/RE2
RB6/ICSPCLK
RB5/AN13/CPS5/T1G
RB4/AN11/CPS4
RB3/AN9/CPS3/CCP2(1)
RB2/AN8/CPS2
RB1/AN10/CPS1
RB0/AN12/CPS0/INT
VDD
VSS
RD2/CPS10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VDD
VSS
CLKIN/OSC1/RA7
VCAP
(3)/CLKOUT/OSC2/RA6
T1CKI/T1OSO/RC0
CCP2(1)/T1OSI/RC1
CCP1/RC2
SCL/SCK/RC3
CPS8/RD0
CPS9/RD1
RC5/SDO
RC4/SDI/SDA
RD3/CPS11
RD4/CPS12
RC7/RX/DT
RC6/TX/CK
RD7/CPS15
RD6/CPS14
RD5/CPS13
RB7/ICSPDAT
Note 1: CCP2 pin location may be selected as RB3 or RC1.
2: SS pin location may be selected as RA5 or RA0.
3: PIC16F724/727 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More