| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F722-E/ML Fiches technique(PDF) 235 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-E/ML Fiches technique(HTML) 235 Page - Microchip Technology |
|
235 / 302 page ![]() © 2009 Microchip Technology Inc. DS41341E-page 235 PIC16F72X/PIC16LF72X FIGURE 23-18: SPI SLAVE MODE TIMING (CKE = 0) FIGURE 23-19: SPI SLAVE MODE TIMING (CKE = 1) SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP70 SP71 SP72 SP73 SP74 SP75, SP76 SP77 SP78 SP79 SP80 SP79 SP78 MSb LSb bit 6 - - - - - -1 MSb In bit 6 - - - -1 LSb In SP83 Note: Refer to Figure 23-2 for load conditions. SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP70 SP71 SP72 SP82 SP74 SP75, SP76 MSb bit 6 - - - - - -1 LSb SP77 MSb In bit 6 - - - -1 LSb In SP80 SP83 Note: Refer to Figure 23-2 for load conditions. |