| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F722-E/ML Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-E/ML Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 302 page ![]() © 2009 Microchip Technology Inc. DS41341E-page 21 PIC16F72X/PIC16LF72X FIGURE 2-4: PIC16F722/LF722 SPECIAL FUNCTION REGISTERS File Address Indirect addr.(*) 00h Indirect addr.(*) 80h Indirect addr.(*) 100h Indirect addr.(*) 180h TMR0 01h OPTION 81h TMR0 101h OPTION 181h PCL 02h PCL 82h PCL 102h PCL 182h STATUS 03h STATUS 83h STATUS 103h STATUS 183h FSR 04h FSR 84h FSR 104h FSR 184h PORTA 05h TRISA 85h 105h ANSELA 185h PORTB 06h TRISB 86h 106h ANSELB 186h PORTC 07h TRISC 87h 107h 187h 08h 88h CPSCON0 108h 188h PORTE 09h TRISE 89h CPSCON1 109h 189h PCLATH 0Ah PCLATH 8Ah PCLATH 10Ah PCLATH 18Ah INTCON 0Bh INTCON 8Bh INTCON 10Bh INTCON 18Bh PIR1 0Ch PIE1 8Ch PMDATL 10Ch PMCON1 18Ch PIR2 0Dh PIE2 8Dh PMADRL 10Dh Reserved 18Dh TMR1L 0Eh PCON 8Eh PMDATH 10Eh Reserved 18Eh TMR1H 0Fh T1GCON 8Fh PMADRH 10Fh Reserved 18Fh T1CON 10h OSCCON 90h 110h 190h TMR2 11h OSCTUNE 91h 111h 191h T2CON 12h PR2 92h 112h 192h SSPBUF 13h SSPADD/SSPMSK 93h 113h 193h SSPCON 14h SSPSTAT 94h 114h 194h CCPR1L 15h WPUB 95h 115h 195h CCPR1H 16h IOCB 96h 116h 196h CCP1CON 17h 97h 117h 197h RCSTA 18h TXSTA 98h 118h 198h TXREG 19h SPBRG 99h 119h 199h RCREG 1Ah 9Ah 11Ah 19Ah CCPR2L 1Bh 9Bh 11Bh 19Bh CCPR2H 1Ch APFCON 9Ch 11Ch 19Ch CCP2CON 1Dh FVRCON 9Dh 11Dh 19Dh ADRES 1Eh 9Eh 11Eh 19Eh ADCON0 1Fh ADCON1 9Fh 11Fh 19Fh General Purpose Register 96 Bytes 20h General Purpose Register 32 Bytes A0h BFh 120h 1A0h C0h EFh 16Fh 1EFh Accesses 70h-7Fh F0h Accesses 70h-7Fh 170h Accesses 70h-7Fh 1F0h 7Fh FFh 17Fh 1FFh Bank 0 Bank 1 Bank 2 Bank 3 Legend: = Unimplemented data memory locations, read as ‘0’. * = Not a physical register. |