Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DVA1002 Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce DVA1002
Description  Processor Module and Device Adapter Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVA1002 Fiches technique(HTML) 13 Page - Microchip Technology

Back Button DVA1002 Datasheet HTML 9Page - Microchip Technology DVA1002 Datasheet HTML 10Page - Microchip Technology DVA1002 Datasheet HTML 11Page - Microchip Technology DVA1002 Datasheet HTML 12Page - Microchip Technology DVA1002 Datasheet HTML 13Page - Microchip Technology DVA1002 Datasheet HTML 14Page - Microchip Technology DVA1002 Datasheet HTML 15Page - Microchip Technology DVA1002 Datasheet HTML 16Page - Microchip Technology DVA1002 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
© 2006 Microchip Technology Inc.
DS51140M-page 13
Processor Module and Device Adapter Specification
FIGURE 6-4:
DVA-68PL TO 64-PIN TQFP
FIGURE 6-5:
DVA-68PL2 TO 64-PIN TQFP
68
52
1
17
9
60
NC
NC
1
16
NC = No Connection
51
35
43
NC
48
33
64
49
18
34
26
17
32
NC
68
52
1
17
13
60
NC
NC
1
16
NC = No Connection
51
35
43
NC
48
33
64
49
18
34
27
17
32
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18