| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F722-I/ML Fiches technique(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-I/ML Fiches technique(HTML) 18 Page - Microchip Technology |
|
18 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 18 © 2009 Microchip Technology Inc. RD3/CPS11 RD3 ST CMOS General purpose I/O. CPS11 AN — Capacitive sensing input 11. RD4/CPS12 RD4 ST CMOS General purpose I/O. CPS12 AN — Capacitive sensing input 12. RD5/CPS13 RD5 ST CMOS General purpose I/O. CPS13 AN — Capacitive sensing input 13. RD6/CPS14 RD6 ST CMOS General purpose I/O. CPS14 AN — Capacitive sensing input 14. RD7/CPS15 RD7 ST CMOS General purpose I/O. CPS15 AN — Capacitive sensing input 15. RE0/AN5 RE0 ST CMOS General purpose I/O. AN5 AN — A/D Channel 5 input. RE1/AN6 RE1 ST CMOS General purpose I/O. AN6 AN — A/D Channel 6 input. RE2/AN7 RE2 ST CMOS General purpose I/O. AN7 AN — A/D Channel 7 input. RE3/MCLR/VPP RE3 TTL — General purpose input. MCLR ST — Master Clear with internal pull-up. VPP HV — Programming voltage. VDD VDD Power — Positive supply. VSS VSS Power — Ground reference. Note: The PIC16F72X devices have an internal low dropout voltage regulator. An external capacitor must be connected to one of the available VCAP pins to stabilize the regulator. For more information, see Section 5.0 “Low Dropout (LDO) Voltage Regulator”. The PIC16LF72X devices do not have the voltage regulator and therefore no external capacitor is required. TABLE 1-1: PIC16F72X/PIC16LF72X PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels |