Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24FC64T-I/CS16K Fiches technique(PDF) 33 Page - Microchip Technology

No de pièce 24FC64T-I/CS16K
Description  64K I2C??Serial EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64T-I/CS16K Fiches technique(HTML) 33 Page - Microchip Technology

Back Button 24FC64T-I/CS16K Datasheet HTML 29Page - Microchip Technology 24FC64T-I/CS16K Datasheet HTML 30Page - Microchip Technology 24FC64T-I/CS16K Datasheet HTML 31Page - Microchip Technology 24FC64T-I/CS16K Datasheet HTML 32Page - Microchip Technology 24FC64T-I/CS16K Datasheet HTML 33Page - Microchip Technology 24FC64T-I/CS16K Datasheet HTML 34Page - Microchip Technology 24FC64T-I/CS16K Datasheet HTML 35Page - Microchip Technology 24FC64T-I/CS16K Datasheet HTML 36Page - Microchip Technology 24FC64T-I/CS16K Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
 2010 Microchip Technology Inc.
DS21189R-page 33
24AA64/24LC64/24FC64
APPENDIX A: REVISION HISTORY
Revision H
Corrections to Section 1.0, Electrical Characteristics.
Revision J
Added DFN package.
Revision K
Revised Sections 7.1 and 7.4.
Revision L
Added 24FC64 Part; Revised Device Selection Table;
Revised Features Section; Deleted Rotated TSSOP
Package; Revised Table 1-2; Revised Table 7-1;
Revised Package Information; Replaced Package
Drawings; Revised Product ID Section.
Revision M
Updated package drawings. Added 8-lead TDFN and
5-lead SOT-23 packages.
Revision N (03/2009)
Added 5-lead Chip Scale package.
Revision P (03/2009)
Added 5-lead Chip Scale Package Diagram and Land
Pattern. Revised Block Diagram.
Revision Q (06/09)
Revised Features section; Revised Table 1-2, Para. 18;
Added note to Table 2-1; Revised SOT-23 package
example.
Revision R (03/2010)
Added TSSOP X-Rotated package; Updated Package
Drawings; Updated Product ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40