| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F1824T-E/ML Fiches technique(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1824T-E/ML Fiches technique(HTML) 37 Page - Microchip Technology |
|
37 / 420 page ![]() 2010 Microchip Technology Inc. Preliminary DS41419A-page 37 PIC16F/LF1824/1828 Bank 4 200h(1) INDF0 Addressing this location uses contents of FSR0H/FSR0L to address data memory (not a physical register) xxxx xxxx xxxx xxxx 201h(1) INDF1 Addressing this location uses contents of FSR1H/FSR1L to address data memory (not a physical register) xxxx xxxx xxxx xxxx 202h(1) PCL Program Counter (PC) Least Significant Byte 0000 0000 0000 0000 203h(1) STATUS — — —TO PD ZDC C ---1 1000 ---q quuu 204h(1) FSR0L Indirect Data Memory Address 0 Low Pointer 0000 0000 uuuu uuuu 205h(1) FSR0H Indirect Data Memory Address 0 High Pointer 0000 0000 0000 0000 206h(1) FSR1L Indirect Data Memory Address 1 Low Pointer 0000 0000 uuuu uuuu 207h(1) FSR1H Indirect Data Memory Address 1 High Pointer 0000 0000 0000 0000 208h(1) BSR — — — BSR<4:0> ---0 0000 ---0 0000 209h(1) WREG Working Register 0000 0000 uuuu uuuu 20Ah(1) PCLATH — Write Buffer for the upper 7 bits of the Program Counter -000 0000 -000 0000 20Bh(1) INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 0000 000x 0000 000u 20Ch WPUA — — WPUA5 WPUA4 WPUA3 WPUA2 WPUA1 WPUA0 --11 1111 --11 1111 20Dh WPUB(2) WPUB7 WPUB6 WPUB5 WPUB4 — — — — 1111 ---- 1111 ---- 20Eh WPUC WPUC7(2) WPUC6(2) WPUC5 WPUC4 WPUC3 WPUC2 WPUC1 WPUC0 1111 1111 1111 1111 20Fh — Unimplemented — — 210h — Unimplemented — — 211h SSP1BUF Synchronous Serial Port Receive Buffer/Transmit Register xxxx xxxx uuuu uuuu 212h SSP1ADD ADD<7:0> 0000 0000 0000 0000 213h SSP1MSK MSK<7:0> 1111 1111 1111 1111 214h SSP1STAT SMP CKE D/A PS R/W UA BF 0000 0000 0000 0000 215h SSP1CON1 WCOL SSP1OV SSPEN CKP SSPM<3:0> 0000 0000 0000 0000 216h SSP1CON2 GCEN ACKSTAT ACKDT ACKEN RCEN PEN RSEN SEN 0000 0000 0000 0000 217h SSP1CON3 ACKTIM PCIE SCIE BOEN SDAHT SBCDE AHEN DHEN 0000 0000 0000 0000 218h — Unimplemented — — 219h — Unimplemented — — 21Ah — Unimplemented — — 21Bh — Unimplemented — — 21Ch — Unimplemented — — 21Dh — Unimplemented — — 21Eh — Unimplemented — — 21Fh — Unimplemented — — TABLE 3-8: SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other resets Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’. Note 1: These registers can be addressed from any bank. 2: PIC16F/LF1828 only. 3: PIC16F/LF1824 only. |