Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24FC64-I/CS16K Fiches technique(PDF) 32 Page - Microchip Technology

No de pièce 24FC64-I/CS16K
Description  64K I2C??Serial EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64-I/CS16K Fiches technique(HTML) 32 Page - Microchip Technology

Back Button 24FC64-I/CS16K Datasheet HTML 28Page - Microchip Technology 24FC64-I/CS16K Datasheet HTML 29Page - Microchip Technology 24FC64-I/CS16K Datasheet HTML 30Page - Microchip Technology 24FC64-I/CS16K Datasheet HTML 31Page - Microchip Technology 24FC64-I/CS16K Datasheet HTML 32Page - Microchip Technology 24FC64-I/CS16K Datasheet HTML 33Page - Microchip Technology 24FC64-I/CS16K Datasheet HTML 34Page - Microchip Technology 24FC64-I/CS16K Datasheet HTML 35Page - Microchip Technology 24FC64-I/CS16K Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
24AA64/24LC64/24FC64
DS21189R-page 32
 2010 Microchip Technology Inc.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40