Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F14K22-E/ML Fiches technique(PDF) 91 Page - Microchip Technology

No de pièce PIC18F14K22-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K22-E/ML Fiches technique(HTML) 91 Page - Microchip Technology

Back Button PIC18F14K22-E/ML Datasheet HTML 87Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 88Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 89Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 90Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 91Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 92Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 93Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 94Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 388 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41365D-page 91
PIC18F1XK22/LF1XK22
REGISTER 8-13:
LATC: PORTC DATA LATCH REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
LATC7
LATC6
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
LATC<7:0>: RB<7:0> Port I/O Output Latch Register bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More