Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F722AT-I/SS Fiches technique(PDF) 68 Page - Microchip Technology

No de pièce PIC16F722AT-I/SS
Description  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-I/SS Fiches technique(HTML) 68 Page - Microchip Technology

Back Button PIC16F722AT-I/SS Datasheet HTML 64Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 65Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 66Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 67Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 68Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 69Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 70Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 71Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 284 page
background image
PIC16F/LF722A/723A
DS41417A-page 68
 2010 Microchip Technology Inc.
6.4.1
RC0/T1OSO/T1CKI
Figure 6-13 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• General purpose I/O
• Timer1 oscillator output
• Timer1 clock input
6.4.2
RC1/T1OSI/CCP2
Figure 6-14 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• General purpose I/O
• Timer1 oscillator input
• Capture 2 input, Compare 2 output, and PWM2
output
6.4.3
RC2/CCP1
Figure 6-15 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• General purpose I/O
• Capture 1 input, Compare 1 output, and PWM1
output
6.4.4
RC3/SCK/SCL
Figure 6-16 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• General purpose I/O
• SPI clock
•I2C™ clock
6.4.5
RC4/SDI/SDA
Figure 6-17 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• General purpose I/O
• SPI data input
•I2C data I/O
6.4.6
RC5/SDO
Figure 6-18 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• General purpose I/O
• SPI data output
6.4.7
RC6/TX/CK
Figure 6-19 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• General purpose I/O
• Asynchronous serial output
• Synchronous clock I/O
6.4.8
RC7/RX/DT
Figure 6-20 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• General purpose I/O
• Asynchronous serial input
• Synchronous serial data I/O
Note:
CCP2 pin location may be selected as
RB3 or RC1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More